Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB16D0117K Datasheet(PDF) 2 Page - AVX Corporation

Part # FFB16D0117K
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFB16D0117K Datasheet(HTML) 2 Page - AVX Corporation

  FFB16D0117K Datasheet HTML 1Page - AVX Corporation FFB16D0117K Datasheet HTML 2Page - AVX Corporation FFB16D0117K Datasheet HTML 3Page - AVX Corporation FFB16D0117K Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JUNE 2015
15
Medium Power Film Capacitors
FFB (RoHS Compliant)
DIMENSIONS: millimeters
Case Size
Case Style
Length
Width
Height
Dimensions lead
LS
(mm)
(mm)
(mm)
(mm)
(mm)
1
PO
31.1
13.0
22.4
Ø 0.80
27.5
2
18
31.1
14.6
25.7
Ø 0.80
27.5
3
19
31.1
17.3
29.8
Ø 0.80
27.5
4
26
31.1
20.8
31.3
Ø 1.00
27.5
R68
2 Leaded
32.0
22.0
37.0
Ø 1.00
27.5
5
Style
R68
4 Leaded
32.0
22.0
37.0
1.20 x 0.60
27.5
Style
CASE STYLE: P0; 18; 19; 26; R68
2 LEADED STYLE
CASE STYLE: R68
4 LEADED STYLE
GENERAL DESCRIPTION
HOW TO ORDER
FFB
Series
1
Case
Size
1
2
3
4
5
4
Dielectric
4 = Polyester
6 = Polypropylene
D
Voltage
Code
D = 75Vdc
E = 100Vdc
H = 300Vdc
I = 400Vdc
J = 525Vdc
A = 720Vdc
C = 900Vdc
L = 1100Vdc
0336
Capacitance
Code
0 + pF code
0336 = 33μF
0686 = 68μF
0117 = 110μF
etc.
K
Capacitance
Tolerances
K = ±10%
––
Lead Styles
– – = 2 Leaded
JC = 4 Leaded
Consult Factory
for Special
Options
Length
Lead
LS
32
27.5 0.5
12.7 0,5
Th: 0.6
1.2 0.1
General Tolerance: ±0.5mm
General Tolerance: ±0.5mm


Similar Part No. - FFB16D0117K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB16D0117K-- AVX-FFB16D0117K-- Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFB16D0117KJC AVX-FFB16D0117KJC Datasheet
104Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FFB16D0117K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com