Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M123A10BPC103FS Datasheet(PDF) 1 Page - AVX Corporation

Part # M123A10BPC103FS
Description  Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M123A10BPC103FS Datasheet(HTML) 1 Page - AVX Corporation

  M123A10BPC103FS Datasheet HTML 1Page - AVX Corporation M123A10BPC103FS Datasheet HTML 2Page - AVX Corporation M123A10BPC103FS Datasheet HTML 3Page - AVX Corporation M123A10BPC103FS Datasheet HTML 4Page - AVX Corporation M123A10BPC103FS Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
102
MAY 2015
HOW TO ORDER
Military Type Designation: Capacitors, Fixed, Ceramic Dielectric,
(Temperature Stable and General Purpose), High Reliability
M123
Mil-Spec
Number
A
Modification
Spec.
10
Slash
Sheet
Number
B
Voltage
B = 50V
C = 100V
103
Capacitance
Code
BX
Temperature
Characteristic
Capacitance change with
reference to 25ºC over temperature
range -55ºC to +125ºC
Symbol
Without
With Rated
Voltage
DC Voltage
BP
0 ± 30 ppm/ºC 0 ±30 ppm/ºC
BX
+15, -15%
+15, -25%
K
Capacitance
Tolerance
C = ±0.25pF
D = ±0.5pF
F = ±1%
J = ±5%
K = ±10%
M = ±20%
S
Termination
G = Silver – Nickel - Gold
M = Palladium/Silver
S = Silver – Nickel – Solder Coated
Z = Silver – Nickel – Solder Plated
(tin/lead alloy with a minimum
of 4 percent lead)
AVX's M123 series MIL-qualified ceramic capacitors are designed for high
performance application in BX voltage temperature characteristics for general
purpose dielectric and in BP voltage temperature characteristics for
temperature stable dielectric.
M123 series capacitors offer design and component engineers a proven
technology for SMD processing and applications requiring space-level
reliability. They are designed for use in timing circuits and critical frequency
applications where absolute stability of capacitance is required (BP), as well as
in applications where a wider capacitance variation with temperature and
voltage can be tolerated (BX)
Slash Sheet
Case Size
Dielectric
Cap Range (pF)
10
0805
BP
1.0-680
BX
330-18,000
11
1210
BP
300-3,300
BX
5,600-100,000
12
1808
BP
300-1,000
BX
5,600-100,000
13
2225
BP
1,100-10,000
BX
120,000-1,000,000
21
1206
BP
1.0-2,200
BX
4,700-39,000
22
1812
BP
1,200-10,000
BX
27,000-180,000
23
1825
BP
3,900-22,000
BX
56,000-470,000
L
W
S
T
(L) Length
(W) Width
(T) Thickness
(S) Termination
Band
CKS51, /10, 0805 Size Chip
2.03 (0.080)
1.27 (0.050)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.40 (0.055) Max.
± 0.254 (0.010)
CKS52, /11, 1210 Size Chip
3.05 (0.120)
2.54 (0.100)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.65 (0.065) Max.
± 0.254 (0.010)
CKS53, /12, 1808 Size Chip
4.57 (0.180)
2.03 (0.080)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.65 (0.065) Max.
± 0.254 (0.010)
CKS54, /13, 2225 Size Chip
5.59 (0.220)
6.35 (0.250)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.78 (0.070) Max.
± 0.254 (0.010)
CKS55, /21, 1206 Size Chip
3.05 (0.120)
1.52 (0.060)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
1.65 (0.065) Max.
± 0.254 (0.010)
CKS56, /22, 1812 Size Chip
4.57 (0.180)
3.18 (0.125)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
2.03 (0.080) Max.
± 0.254 (0.010)
CKS57, /23, 1825 Size Chip
4.57 (0.180)
6.35 (0.250)
0.508 (0.020) Min.
0.508 (0.020)
± 0.381 (0.015)
± 0.381 (0.015)
2.03 (0.080) Max.
± 0.254 (0.010)
DIMENSIONS
mm (inches)
MIL-PRF-123/Chips
Performance of SMPS capacitors can be simulated by downloading SpiCalci software program -
http://www.avx.com/SpiApps/default.asp#spicalci
Not RoHS Compliant


Similar Part No. - M123A10BPC103FS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M123A10BPC103BMA VISHAY-M123A10BPC103BMA Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
M123A10BPC103BMJ VISHAY-M123A10BPC103BMJ Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
M123A10BPC103BMW VISHAY-M123A10BPC103BMW Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
M123A10BPC103BSA VISHAY-M123A10BPC103BSA Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
M123A10BPC103BSJ VISHAY-M123A10BPC103BSJ Datasheet
109Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Revision: 15-May-17
More results

Similar Description - M123A10BPC103FS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123A17BXC473KC AVX-M123A17BXC473KC Datasheet
163Kb / 7P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric, (Temperature Stable and General Purpose), High Reliability
M39014-01-1529V AVX-M39014-01-1529V Datasheet
542Kb / 14P
   Military Type Designation: Styles CKR04, CKR05, CKR06, CKR08
logo
Taiyo Yuden (U.S.A.), I...
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105CBJ225KV-F TAIYO-YUDEN-TMK105CBJ225KV-F Datasheet
396Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325B7475MM-P TAIYO-YUDEN-UMK325B7475MM-P Datasheet
440Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325BJ106KM-P TAIYO-YUDEN-UMK325BJ106KM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK105C6225KV-F TAIYO-YUDEN-JMK105C6225KV-F Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK316AC7476ML-T TAIYO-YUDEN-JMK316AC7476ML-T Datasheet
409Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK325B7226MM-PR TAIYO-YUDEN-TMK325B7226MM-PR Datasheet
440Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105B7223KV-F TAIYO-YUDEN-TMK105B7223KV-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com