Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8260AH Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA8260AH
Description  Max Power 40 W BTL4CH Audio Power IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8260AH Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA8260AH Datasheet HTML 1Page - Toshiba Semiconductor TA8260AH Datasheet HTML 2Page - Toshiba Semiconductor TA8260AH Datasheet HTML 3Page - Toshiba Semiconductor TA8260AH Datasheet HTML 4Page - Toshiba Semiconductor TA8260AH Datasheet HTML 5Page - Toshiba Semiconductor TA8260AH Datasheet HTML 6Page - Toshiba Semiconductor TA8260AH Datasheet HTML 7Page - Toshiba Semiconductor TA8260AH Datasheet HTML 8Page - Toshiba Semiconductor TA8260AH Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TA8260AH
2002-03-05
5
3. Muting function (pin 24)
By means of controlling pin 24 less than 0.5 V, it can make the audio muting condition.
The muting time constant is decided by R1 and C4 and these parts is related the pop noise at power
ON/OFF.The series resistance; R1 must be set up less than 15 kΩ, we recommend 10 kΩ.
The muting function have to be controlled by a transistor, FET and µ-COM port which has IMUTE ≥ 250 µA
ability.
Terminal 24 must not be pulled up and it shall be controlled by OPEN/LOW.
Figure 4 Muting function
Figure 5 Mute attenuation−Vmute (V)
4. AUX. input (pin 16)
The pin 16 is for input terminal of AUX. amplifier.
The total gain is 0dB by using of AUX. amplifier.
Therefore, the µ-COM can directly drive the AUX. amplifier.
BEEP sound or voice synthesizer signal can be input to pin 16 directly.
Figure 6 AUX input


Similar Part No. - TA8260AH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8261AH TOSHIBA-TA8261AH Datasheet
388Kb / 16P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8262H TOSHIBA-TA8262H Datasheet
360Kb / 15P
   MAX POWER 43 W BTL x 4CH AUDIO POWER IC
TA8263BH TOSHIBA-TA8263BH Datasheet
255Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8263BHQ TOSHIBA-TA8263BHQ Datasheet
329Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA8260AH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8252H TOSHIBA-TA8252H Datasheet
360Kb / 14P
   Max Power 37W BTL 횞 4ch Audio Power IC
TA8259H TOSHIBA-TA8259H Datasheet
368Kb / 15P
   MAX POWER 37 W BTL x 4CH AUDIO POWER IC
TA8262H TOSHIBA-TA8262H Datasheet
360Kb / 15P
   MAX POWER 43 W BTL x 4CH AUDIO POWER IC
TA8255AHQ TOSHIBA-TA8255AHQ Datasheet
1Mb / 13P
   Max Power 22W BTL × 4ch Audio Power IC
2004-09-28
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
TA8276H TOSHIBA-TA8276H Datasheet
249Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TA8251AHQ TOSHIBA-TA8251AHQ Datasheet
1Mb / 13P
   MAX POWER 30W BTL X 4CH AUDIO POWER IC
T8251AH TOSHIBA-T8251AH Datasheet
552Kb / 13P
   MAX POWER 300W BTL x 4CH AUDIO POWER IC
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TA8255AH TOSHIBA-TA8255AH Datasheet
551Kb / 12P
   MAX POWER 22W BTL x 4CH AUDIO POWER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com