Electronic Components Datasheet Search |
|
TMP006AIYZFT Datasheet(PDF) 10 Page - Texas Instruments |
|
TMP006AIYZFT Datasheet(HTML) 10 Page - Texas Instruments |
10 / 38 page Sensor 1.6 mm 0.33 mm 0.33 mm 0.165 mm 0.165 mm 1.6 mm TMP006 Object D - d Sensor TMP006, TMP006B SBOS518E – MAY 2011 – REVISED APRIL 2015 www.ti.com Feature Description (continued) 8.3.2 Field of View and Angular Response The TMP006 and TMP006B sense all radiation within a defined field of view (FOV). The FOV (or full-angle of θ) is defined as 2 Φ. These devices contain no optical elements, and thus sense all radiation within the hemisphere to the front of the device. Figure 3 shows the angular dependence of the sensor response and the relative power for a circular object that subtends a half angle of phi ( Φ). Figure 7 defines the angle Φ in terms of object diameter and distance. Figure 7 assumes that the object is well approximated as a plane that is perpendicular to the sensor axis. Figure 7. FOV Geometry Definition In this case, the maximum contribution is from the portion of the object directly in front of the TMP006 or TMP006B ( Φ = 0); with the sensitivity per solid angle, dR/dΦ decreases as Φ increases. Approximately 50% of the energy sensed by the TMP006 and TMP006B is within a FOV ( θ) = 90°. This discussion is for illustrative purposes only; in practice the angular response (dR/d Φ) of the TMP006 and TMP006B to the object is affected by the object orientation, the number of objects, and the precise placement relative to the TMP006 or TMP006B. Figure 8 shows the thermopile sensor dimensions. NOTE: Thermopile sensor is centered in the device. Figure 8. Thermopile Sensor Dimensions 10 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: TMP006 TMP006B |
Similar Part No. - TMP006AIYZFT |
|
Similar Description - TMP006AIYZFT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |