Electronic Components Datasheet Search |
|
FFLC35FB4427 Datasheet(PDF) 1 Page - AVX Corporation |
|
FFLC35FB4427 Datasheet(HTML) 1 Page - AVX Corporation |
1 / 9 page 42 ■ JUNE 2015 Medium Power Film Capacitors FFLC The FFLC series is specifically designed for DC filtering applications such as DC link or resonant filters. Large case sizes up to 35 liters and high specific energy up to 240J/l together with safe and reliable Controlled Self Healing Technology make this series particularly suitable for power converters in traction, drives and renewable energy areas. FFLC uses polypropylene metallized segmented film and it is fully dry technology. Standard designs proposed in this catalogue are covering a wide range of voltage and capacitance values. In case of specific requirements about shape and performances, feel free to contact your local AVX representative. PACKAGING MATERIAL Non-painted rectangular resin filled aluminium case Mounting brackets 4 M8/15 Female connections or M12/30 Male connections STANDARDS IEC 61071: Power electronic capacitors IEC 61881: Railway applications, rolling stock equipment, capacitors for power electronics IEC 60068-2: Environmental testing UL 94: Fire requirements NF F 16-101: Rolling stock – Fire behaviour – Materials choosing NF F 16-102: Rolling stock – Fire behaviour – Materials choosing, application for electric equipments EN 45545-2: Railways applications – Fire protection on railway vehicles Part 2 : Requirements for fire behaviour of materials and components DEFINITIONS Cn capacitance nominal value of the capacitance measured at θamb = 25 ± 10°C maximum operating peak voltage of either polarity (non-reversing Un rated DC voltage type waveform), for which the capacitor has been designed for continuous operation Uw working voltage value of the maximum operating recurrent voltage for a given hot spot temperature and an expected lifetime Ur ripple voltage peak-to-peak alternating component of the unidirectional voltage Ls parasitic inductance capacitor series self-inductance Rs capacitor series resistance capacitor series resistance due to galvanic circuit Irms thermal 1 RMS current value for continuous operation under natural convection generating 20°C overheating Irms thermal 2 rms current value for continuous operation under forced air generating 20°C overheating temperature of the cooling air measured at the hottest position of the capacitor, under steady-state conditions, midway between θamb (°C) cooling air temperature two units NOTE If only one unit is involved, it is the temperature measured at a point approximately 0.1 m away from the capacitor container and at two-thirds of the height from its base θHS (°C) hot spot temperature highest temperature obtained inside the case of the capacitor in thermal equilibrium CHARACTERISTICS Capacitance range Cn 1750μF to 20600μF Tolerance on Cn ±10% Rated DC voltage Un 800 to 1350V Lifetime at Un and 70°C hot-spot temperature 100,000h and ΔC / C < 2% Parasitic inductance Ls 32 to 55nH Maximum rms current Irms up to 400Arms Test voltage between terminals 1.5 x Un for 10s @ 25°C Test voltage between terminals 4kVrms @ 50Hz and Case @ 25°C for 10s Dielectric polypropylene Climatic Category 40 / 85 / 56 (IEC 60068) Working temperature -40°C / +85°C (according to the power dissipated) Storage temperature -40°C / +85°C Calorific value 27 MJ/kg HOW TO ORDER FFLC Series 3 Width 1 = 100mm 2 = 125mm 3 = 150mm 4 = 175mm 1 Height 1 = 245mm 2 = 315mm 3 = 385mm 4 = 455mm 5 = 525mm 6 = 595mm M Terminals F = Female M = Male A Voltage A = 800V B = 900V C = 1000V D = 1100V E = 1350V 4427 Capacitance EIA code |
Similar Part No. - FFLC35FB4427 |
|
Similar Description - FFLC35FB4427 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |