Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3262IYZFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3262IYZFR
Description  Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262IYZFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC3262IYZFR Datasheet HTML 2Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 3Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 4Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 5Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 6Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 7Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 8Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 9Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
TLV320AIC3262
SLAS679A – DECEMBER 2011 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions
PIN
TYPE
DESCRIPTION
BALL NO.
NAME
A1
AVDD3_33
P
3.3-V Power Supply for Micbias
A2
RECVSS
P
Receiver Driver Ground
A3
RECVDD_33
P
3.3-V Power Supply for Receiver Driver
A4
HPR
O
Right Headphone Output
A5
VNEG
I/O
Charge Pump Negative Supply
A6
CPFCM
I/O
Charge Pump Flying Capacitor M terminal
A7
CPVDD_18
P
Power Supply Input for Charge Pump
A8
AVSS4
P
Analog Ground for Class-D
A9
SPKLP
O
Left Channel P side Class-D Output
B1
MICDET
I/O
Headset Detection Pin
B2
RECP
O
Receiver Driver P Side Output
B3
RECM
O
Receiver Driver M Side Output
B4
HVDD_18
P
Headphone Amp Power Supply
B5
HPL
O
Left Headphone Output
B6
CPVSS
P
Charge Pump Ground
B7
CPFCP
I/O
Charge Pump Flying Capacitor P Terminal
B8
SLVDD
P
Left Channel Class-D Output Stage Power Supply
B9
SLVSS
P
Left Channel Class-D Output Stage Ground
C1
IN4L
I
Analog Input 4 Left
C2
AVDD1_18
P
1.8-V Analog Power Supply
C3
MICBIAS_EXT
O
Output Bias Voltage for Headset Microphone.
C4
MICBIAS
O
Output Bias Voltage for Microphone to be used for on-board Microphones
C5
AVDD2_18
P
1.8-V Analog Power Supply
C6
LOL
O
Left Line Output
C7
AVDD4_18
P
1.8-V Analog Power Supply for Class-D
C8
SPKLM
O
Left Channel M side Class-D Output
C9
SPKRM
O
Right Channel M side Class-D Output
D1
VREF_AUDIO
O
Analog Reference Filter Output
SAR ADC Voltage Reference Input or Internal SAR ADC Voltage Reference Bypass
D2
VREF_SAR
I/O
Capacitor Pin
Analog Input 1 Left, Auxiliary 1 Input to SAR ADC
D3
IN1L/AUX1
I
(Special Function: Left Channel High Impedance Input for Capacitive Sensor
Measurement)
Analog Input 1 Right, Auxiliary 2 Input to SAR ADC
D4
IN1R/AUX2
I
(Special Function: Right Channel High Impedance Input for Capacitive Sensor
Measurement)
D5
IN4R
I
Analog Input 4 Right
D6
HPVSS_SENSE
I
Headphone Ground Sense Terminal
D7
LOR
O
Right Line Output
D8
SRVSS
P
Right Channel Class-D Output Stage Ground
D9
SRVDD
P
Right Channel Class-D Output Stage Power Supply
E1
IN3R
I
Analog Input 3 Right
E2
IN3L
I
Analog Input 3 Left
E3
AVSS
P
Analog Ground
E4
AVSS1
P
Analog Ground
E5
AVSS3
P
Analog Ground
E6
AVSS2
P
Analog Ground
E7
DVSS
P
Digital Ground
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3262


Similar Part No. - TLV320AIC3262IYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3262IYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com