Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3254IRHBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3254IRHBR
Description  Ultra Low Power Stereo Audio Codec with Embedded miniDSP
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3254IRHBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC3254IRHBR Datasheet HTML 2Page - Texas Instruments TLV320AIC3254IRHBR Datasheet HTML 3Page - Texas Instruments TLV320AIC3254IRHBR Datasheet HTML 4Page - Texas Instruments TLV320AIC3254IRHBR Datasheet HTML 5Page - Texas Instruments TLV320AIC3254IRHBR Datasheet HTML 6Page - Texas Instruments TLV320AIC3254IRHBR Datasheet HTML 7Page - Texas Instruments TLV320AIC3254IRHBR Datasheet HTML 8Page - Texas Instruments TLV320AIC3254IRHBR Datasheet HTML 9Page - Texas Instruments TLV320AIC3254IRHBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
TLV320AIC3254
SLAS549D – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Pin Functions (continued)
PIN
NAME
TYPE(1)
DESCRIPTION
25
HPL
AO
Left high power output driver
26
LDOIN /
Power
LDO Input supply and Headphone Power supply 1.9V– 3.6V
HPVDD
27
HPR
AO
Right high power output driver
28
DVSS
Ground
Digital Ground and Chip-substrate
If LDO_SELECT Pin = 0 (D-LDO disabled)
Digital voltage supply 1.26V – 1.95V
29
DVDD
Power
If LDO_SELECT Pin = 1 (D-LDO enabled)
Digital voltage supply filtering output
30
LDO_ SELECT
DI
D-LDO enable signal (1 = D-LDO enable, 0 = D-LDO disabled)
31
RESET
DI
Reset (active low)
Primary function:
General Purpose digital IO
Secondary function:
CLKOUT Output
INT1 Output
32
GPIO / MFP5
DI
INT2 Output
Audio serial data bus ADC word clock output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
Digital microphone clock output
Thermal Pad
Thermal Pad
N/A
Connect to PCB ground plane. Not internally connected.
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3254


Similar Part No. - TLV320AIC3254IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3254IRHBR TI-TLV320AIC3254IRHBR Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254IRHBR TI-TLV320AIC3254IRHBR Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254IRHBR TI1-TLV320AIC3254IRHBR Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3254IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_15 Datasheet
1Mb / 53P
[Old version datasheet]   TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com