Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3206IYZFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3206IYZFR
Description  Ultra Low-Power Stereo Audio Codec
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3206IYZFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC3206IYZFR Datasheet HTML 6Page - Texas Instruments TLV320AIC3206IYZFR Datasheet HTML 7Page - Texas Instruments TLV320AIC3206IYZFR Datasheet HTML 8Page - Texas Instruments TLV320AIC3206IYZFR Datasheet HTML 9Page - Texas Instruments TLV320AIC3206IYZFR Datasheet HTML 10Page - Texas Instruments TLV320AIC3206IYZFR Datasheet HTML 11Page - Texas Instruments TLV320AIC3206IYZFR Datasheet HTML 12Page - Texas Instruments TLV320AIC3206IYZFR Datasheet HTML 13Page - Texas Instruments TLV320AIC3206IYZFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
TLV320AIC3206
SLAS649C – DECEMBER 2010 – REVISED NOVEMBER 2014
www.ti.com
8.6 Electrical Characteristics, Bypass Outputs
At 25°C, Vsys, AVdd, DVdd, IOVdd, DVdd_CP, DRVdd_HP = 1.8V, fs (Audio) = 48kHz, Cref = 1µF on REF PIN, PLL and
Charge pump disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG BYPASS TO HEADPHONE AMPLIFIER, DIRECT MODE
Load = 16
Ω (single-ended), 50pF;
Input and Output CM = 0.9V;
Headphone Output on DRVdd_HP Supply;
Device Setup
IN1_L routed to HPL and IN1_R routed to
HPR;
Channel Gain = 0dB
Gain Error
0.8
dB
Noise, A-weighted(1)
Idle Channel, IN1_L and IN1_R ac-shorted to
3.3
μVRMS
ground
THD
Total Harmonic Distortion
446mVrms, 1kHz input signal
–81
dB
ANALOG BYPASS TO LINE-OUT AMPLIFIER, PGA MODE
Load = 10k
Ω (single-ended), 50pF;
Input and Output CM = 0.9V;
Device Setup
LINE Output on DRVDD_HP Supply;
IN1_L, IN1_R routed to line out
Channel Gain = 0dB
Gain Error Gain Error
0.8
dB
Idle Channel,
6.7
μVRMS
IN1_L and IN1_R ac-shorted to ground
Noise, A-weighted(1)
Channel Gain = 40dB,
3
μVRMS
Input Signal (0dB) = 5mVRMS
Inputs ac-shorted to ground, Input Referred
(1)
All performance measurements done with 20kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values
10
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3206


Similar Part No. - TLV320AIC3206IYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3206IYZFR TI1-TLV320AIC3206IYZFR Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3206IYZFR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com