Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3204IRHBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3204IRHBR
Description  Ultra Low Power Stereo Audio Codec
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3204IRHBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC3204IRHBR Datasheet HTML 5Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 6Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 7Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 8Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 9Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 10Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 11Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 12Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
TLV320AIC3204
www.ti.com
SLOS602C – SEPTEMBER 2008 – REVISED NOVEMBER 2014
Electrical Characteristics, ADC (continued)
At 25°C, AVDD, DVDD, IOVDD = 1.8V, LDOIN = 3.3V, AVDD and DVDD LDO disabled, fs (Audio) = 48kHz, Cref = 10µF on REF
pin, PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO ADC
Input signal level (0dB)
Differential Input, CM = 0.9V
10
mV
1kHz sine wave input, Differential configuration
IN1_L and IN1_R routed to Right ADC
IN2_L and IN2_R routed to Left ADC
Device Setup
Rin = 10K, fs = 48kHz, AOSR = 128
MCLK = 256* fs PLL Disabled
AGC = OFF, Channel Gain = 40dB Processing Block = PRB_R1,
Power Tune = PTM_R4
ICN
Idle-Channel Noise, A-weighted(1)(2)
Inputs ac-shorted to ground, input referred noise
2
μVRMS
AUDIO ADC
1kHz sine wave input , Single-ended configuration
Rin = 20kΩ fs = 48kHz, AOSR = 128,
MCLK = 256 x fs, PLL Disabled
Gain Error
–0.05
dB
AGC = OFF, Channel Gain = 0dB
Processing Block = PRB_R1,
Power Tune = PTM_R4, CM = 0.9V
1kHz sine wave input at -3dBFS
Single-ended configuration
IN1_L routed to Left ADC
Input Channel Separation
108
dB
IN1_R routed to Right ADC, Rin = 20kΩ
AGC = OFF, AOSR = 128,
Channel Gain = 0dB, CM = 0.9V
1kHz sine wave input at –3dBFS on IN2_L, IN2_L internally not
routed.
IN1_L routed to Left ADC
ac-coupled to ground
1kHz sine wave input at –3dBFS on IN2_R,
Input Pin Crosstalk
115
dB
IN2_R internally not routed.
IN1_R routed to Right ADC
ac-coupled to ground
Single-ended configuration Rin = 20kΩ,
AOSR = 128 Channel, Gain = 0dB, CM = 0.9V
217Hz, 100mVpp signal on AVDD,
PSRR
Single-ended configuration, Rin = 20kΩ,
55
dB
Channel Gain = 0dB; CM = 0.9V
Single-Ended, Rin = 10kΩ, PGA gain set to 0dB
0
dB
Single-Ended, Rin = 10kΩ, PGA gain set to 47.5dB
47.5
dB
Single-Ended, Rin = 20kΩ, PGA gain set to 0dB
–6
dB
ADC programmable gain amplifier
gain
Single-Ended, Rin = 20kΩ, PGA gain set to 47.5dB
41.5
dB
Single-Ended, Rin = 40kΩ, PGA gain set to 0dB
–12
dB
Single-Ended, Rin = 40kΩ, PGA gain set to 47.5dB
35.5
dB
ADC programmable gain amplifier
1-kHz tone
0.5
dB
step size
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV320AIC3204


Similar Part No. - TLV320AIC3204IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3204IRHBR TI-TLV320AIC3204IRHBR Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204IRHBR TI1-TLV320AIC3204IRHBR Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3204IRHBR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com