Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3206 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3206
Description  Ultra Low Power Stereo Audio Codec with Embedded miniDSP
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3206 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC3206 Datasheet HTML 1Page - Texas Instruments TLV320AIC3206 Datasheet HTML 2Page - Texas Instruments TLV320AIC3206 Datasheet HTML 3Page - Texas Instruments TLV320AIC3206 Datasheet HTML 4Page - Texas Instruments TLV320AIC3206 Datasheet HTML 5Page - Texas Instruments TLV320AIC3206 Datasheet HTML 6Page - Texas Instruments TLV320AIC3206 Datasheet HTML 7Page - Texas Instruments TLV320AIC3206 Datasheet HTML 8Page - Texas Instruments TLV320AIC3206 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
TLV320AIC3254
www.ti.com
SLAS549D – SEPTEMBER 2008 – REVISED NOVEMBER 2014
Pin Functions (continued)
PIN
NAME
TYPE(1)
DESCRIPTION
Primary function: (SPI_Select = 1)
SPI serial clock
Secondary function: (SPI_Select = 0)
Headphone-detect input
Digital microphone input
8
SCLK / MFP3
DI
Audio serial data bus (secondary) bit clock input
Audio serial data bus (secondary) DAC or common word clock input
Audio serial data bus (secondary) ADC word clock input
Audio serial data bus (secondary) data input
General Purpose Input
I2C interface serial clock (SPI_Select = 0)
9
SCL/SS
DI
SPI interface mode chip-select signal (SPI_Select = 1)
I2C interface mode serial data input (SPI_Select = 0)
10
SDA/MOSI
DI
SPI interface mode serial data input (SPI_Select = 1)
Primary function: (SPI_Select = 1)
Serial data output
Secondary function: (SPI_Select = 0)
General purpose output
CLKOUT output
INT1 output
11
MISO / MFP4
DO
INT2 output
Audio serial data bus (primary) ADC word clock output
Digital microphone clock output
Audio serial data bus (secondary) data output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
12
SPI_ SELECT
DI
Control mode select pin ( 1 = SPI, 0 = I2C )
Multifunction Analog Input,
13
IN1_L
AI
or Single-ended configuration: MIC 1 or Line 1 left
or Differential configuration: MIC or Line right, negative
Multifunction Analog Input,
14
IN1_R
AI
or Single-ended configuration: MIC 1 or Line 1 right
or Differential configuration: MIC or Line right, positive
Multifunction Analog Input,
15
IN2_L
AI
or Single-ended configuration: MIC 2 or Line 2 left
or Differential configuration: MIC or Line left, positive
Multifunction Analog Input,
16
IN2_R
AI
or Single-ended configuration: MIC 2 or Line 2 right
or Differential configuration: MIC or Line left, negative
17
AVSS
Ground
Analog ground supply
18
REF
AO
Reference voltage output for filtering
19
MICBIAS
AO
Microphone bias voltage output
Multifunction Analog Input,
or Single-ended configuration: MIC3 or Line 3 left,
20
IN3_L
AI
or Differential configuration: MIC or Line left, positive,
or Differential configuration: MIC or Line right, negative
Multifunction Analog Input,
or Single-ended configuration: MIC3 or Line 3 right,
21
IN3_R
AI
or Differential configuration: MIC or Line left, negative,
or Differential configuration: MIC or Line right, positive
22
LOL
AO
Left line output
23
LOR
AO
Right line output
Analog voltage supply 1.5V–1.95V
24
AVDD
Input when A-LDO disabled,
Power
Filtering output when A-LDO enabled
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV320AIC3254


Similar Part No. - TLV320AIC3206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3206IRSBR TI1-TLV320AIC3206IRSBR Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206IRSBR TI1-TLV320AIC3206IRSBR Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_15 Datasheet
1Mb / 53P
[Old version datasheet]   TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com