Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5946RHBTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5946RHBTG4
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5946RHBTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5946RHBTG4 Datasheet HTML 6Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 7Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 8Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 9Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 10Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 11Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 12Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 13Page - Texas Instruments TLC5946RHBTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TIMING DIAGRAMS
T
,T
,T
WH0
WH1
WL1
WH2
WL2
WH3
WL0
,T
,T
,T
,T
INPUT
(1)
CLOCK
INPUT
(1)
DATA/CONTROL
INPUT
(1)
T
,T
,T
,T
,T
,T
,T
,T
,T
,T
SU0
SU1
SU2
SU3
SU4
SU5
SU6
SU7
H0
H1
H2
H3
,T
,T
T
SU
T
H
V
CC
V
CC
GND
V
CC
GND
GND
50%
50%
50%
T
WH
T
WL
t
,t
,t
,t
,t
,t
,t
,t
,t
,t
,t
:
R0
R1
F0
F1
F2
D0
D1
D2
D3
D4
D5
D6
,t
INPUT
(1)
50%
50%
90%
10%
OUTPUT
t
D
t
ort
R
F
V
orV
L
OL
OUTn
V
orV
H
OH
OUTn
GND
V
CC
TLC5946
SLVS824B – MARCH 2008 – REVISED JUNE 2008 .......................................................................................................................................................... www.ti.com
(1)
Input pulse rise and fall time is 1 ns to 3 ns. Input pulse high level is VCC and low level is GND.
Figure 10. Input Timing
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 11. Output Timing
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5946


Similar Part No. - TLC5946RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946RHBTG4 TI1-TLC5946RHBTG4 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Similar Description - TLC5946RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com