Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5946PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5946PWR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5946PWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5946PWR Datasheet HTML 1Page - Texas Instruments TLC5946PWR Datasheet HTML 2Page - Texas Instruments TLC5946PWR Datasheet HTML 3Page - Texas Instruments TLC5946PWR Datasheet HTML 4Page - Texas Instruments TLC5946PWR Datasheet HTML 5Page - Texas Instruments TLC5946PWR Datasheet HTML 6Page - Texas Instruments TLC5946PWR Datasheet HTML 7Page - Texas Instruments TLC5946PWR Datasheet HTML 8Page - Texas Instruments TLC5946PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
¼
SIN
XERR
SCLK
XLAT
MODE
GSCLK
SOUT
VCC
GND
TLC5946
IC1
OUT0
OUT15
XHALF
¼
¼
V
LED
V
LED
¼
SIN
SCLK
XLAT
BLANK
R
IREF
IREF
SOUT
TLC5946
ICn
OUT0
OUT15
OUT
XERR
SCLK
XLAT
MODE
BLANK
GSCLK
IN
¼
V
LED
V
LED
R
IREF
IREF
Controller
6
BLANK
GSCLK
MODE
XERR
VCC
GND
XHALF
V
CC
V
CC
V
CC
TLC5946
www.ti.com .......................................................................................................................................................... SLVS824B – MARCH 2008 – REVISED JUNE 2008
16-Channel, 12-Bit PWM LED Driver with
6-Bit Dot Correction
• Monochrome, Multicolor, Full-Color LED
23
• 16 Channels, Constant Current Sink Output
Displays
• 40-mA Capability (Constant Current Sink)
• LED Signboards
• 12-Bit (4096 Steps) Grayscale PWM Control
• Display Backlighting
• 6-Bit (64 Steps) Dot Correction
• LED Power-Supply Voltage up to 17 V
• V
CC = 3.0 V to 5.5 V
The TLC5946 is a 16-channel, constant current sink
• Constant Current Accuracy:
LED driver. Each channel is individually adjustable
with 4096 pulse-width modulated (PWM) steps and
Channel-to-Channel = ±1% (typ)
64 constant current sink steps for dot correction. The
Device-to-Device = ±2% (typ)
dot
correction
adjusts
the
brightness
variations
• 30-MHz Data Transfer Rate
between LEDs. Both grayscale control and dot
correction are accessible via a serial interface. The
• 33-MHz Grayscale PWM Clock
maximum current value of all 16 channels can be set
• Extended Serial Interface
by a single external resistor.
• CMOS Level I/O
The TLC5946 has two error information circuits: one
• Schmitt Buffer Input
for LED open detection (LOD), and a thermal error
• Readable Error Information:
flag (TEF). LOD detects a broken or disconnected
LED
during
display
period.
TEF
indicates
an
Continuous Base LED Open Detection
over-temperature condition.
(LOD)
Thermal Error Flag (TEF)
• Noise Reduction:
4-Channel Grouped Delay
• Operating Temperature: –40°C to +85°C
Typical Application Circuit (Multiple Daisy-Chained TLC5946s)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5946PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946PWR TI-TLC5946PWR Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PWR TI1-TLC5946PWR Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Similar Description - TLC5946PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com