Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5946PWPG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5946PWPG4
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5946PWPG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5946PWPG4 Datasheet HTML 7Page - Texas Instruments TLC5946PWPG4 Datasheet HTML 8Page - Texas Instruments TLC5946PWPG4 Datasheet HTML 9Page - Texas Instruments TLC5946PWPG4 Datasheet HTML 10Page - Texas Instruments TLC5946PWPG4 Datasheet HTML 11Page - Texas Instruments TLC5946PWPG4 Datasheet HTML 12Page - Texas Instruments TLC5946PWPG4 Datasheet HTML 13Page - Texas Instruments TLC5946PWPG4 Datasheet HTML 14Page - Texas Instruments TLC5946PWPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
1
4096
1
(DCDataInputMode)
(GSDataInputMode)
(1stGSDataInputCycle)
(1stGSDataOutputCycle)
(2ndGSDataOutputCycle)
(2ndGSDataInputCycle)
t
H2
t
WH2
t
H0
t
D0
t
SU0
t
WH0
t
SU6
t
SU2
t
WL0
t
D6
t
D1
t
D2
t
D3
t
D4
t
D5
t
D2
t
WL1
t
WH1
t
SU4
t
D3
t
D4
t
D5
DC
MSB
DC
LSB
GS1
MSB
GS1
LSB
GS2
MSB
GS2
LSB
GS3
MSB
SID2
MSB-1
SID2
MSB
SID1
LSB
SID1
MSB
GS1
MSB
DC
MSB
¾
¾
¾
SID1
MSB-1
1
192
1
192
1
1
96
t
SU5
t
WH3
MODE
XLAT
SIN
SCLK
SOUT
BLANK
GSCLK
OUT0/4/8/12
(Voltage)
OUT1/5/9/13
(Voltage)
OUT2/6/10/14
(Voltage)
OUT3/7/11/15
(Voltage)
t
SU1
t
SU3
t
H1
t
=t
-
ON_ERR
OUTON
GSCLK
t
t
GSCLK
t
OUTON
GSCLK
OUTn
(Voltage)
BLANK
TLC5946
www.ti.com .......................................................................................................................................................... SLVS824B – MARCH 2008 – REVISED JUNE 2008
NOTE: DC = Dot Correction, GS = Grayscale.
Figure 12. Timing Diagram (GS Data = 003h, XHALF = High)
Figure 13. Output On-Time Error Timing Diagram (GS Data = 001h, GSCLK = 33 MHz)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5946


Similar Part No. - TLC5946PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946PWPG4 TI1-TLC5946PWPG4 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Similar Description - TLC5946PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com