Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMQT1553-10 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # SMQT1553-10
Description  Dual Ratio SMT QPL Pulse Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SMQT1553-10 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  SMQT1553-10 Datasheet HTML 1Page - Pulse A Technitrol Company SMQT1553-10 Datasheet HTML 2Page - Pulse A Technitrol Company SMQT1553-10 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M225.B (11/14)
1
pulseelectronics.com
MIL-STD-1553 Transformers
Impedance
(see next page)
Droop
£ 20%
Overshoot
±1V MAX
Common Mode Rejection (CMR)
£ 45dB
Frequency Range (no load)
75kHz to 1MHz
Operating Temperature Range
-55°C to 130°C
Weight
£ 5 grams
Insualtion Resistance (MIN)
10K M
Ω @ 250Vdc
Dielectric Withstanding Voltage
100Vrms
Summary Performance Specifications
Package B
Package F
.020 ± .002
0,51 ± 0,05
Ø
.250
6,35
MAX
.500
12,70
MIN
.137 ± .020
3,48 ± 0,51
.250
6,35
MAX
.137 ± .020
3,48 ± 0,51
.625 MAX
15,86
.625
15,86
MAX
6
2
4
1
5
7
8
3
.200
5,08
TYP
.100
2,54
TYP
.625 MAX
15,86
.625
15,86
MAX
6
2
4
1
5
7
8
3
.200
5,08
TYP
.100
2,54
TYP
8
4
3
1
2
6
7
5
.020 ± .002
0,51 ± 0,05
Ø
.250
6,35
MAX
.250 ± .030
6,35 ± 0,76
.625 MAX
15,86
.625
15,86
MAX
6
2
4
1
5
7
8
3
.625 MAX
15,86
.625
15,86
MAX
6
2
4
1
5
7
8
3
.200
5,08
TYP
.100
2,54
TYP
8
4
3
1
2
6
7
5
.004
0,10
MIN
.070 ± .015
1,78 ± 0,38
.032
0,81
Ø
TYP
Notes:
1. All dimensions are in inches.
2. Tolerances: .xx = +.008
3. All specifications and dimensions
are subject to change without notice.
Qualified for use in QPL MIL-STD-1553 applications
Dual ratio in a single package (see Schematic)
MSL: 3
Designed, built, and tested to MIL-PRF-21038
Levels* C, M, and T
Two packages available: Package B has gull-wing leads, and Package F is flat pack
Built in ISO 9001 facility
Applicable specifications
n
MIL-STD-1553B
n
MIL-STD-202
n
MIL-PRF-21038
n
ISO 9001
* n
Level C - for high reliability commercial/industrial applications
n
Level M - for general purpose military applications
n
Level T - for high reliability critical military applications
Dual Ratio SMT QPL Pulse Transformers


Similar Part No. - SMQT1553-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
SYNERGY MICROWAVE CORPO...
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
   90쨘 HYBRID
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
   90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C03 SYNERGY-SMQ-C03 Datasheet
461Kb / 4P
   2:1 bandwidth
SMQ-C04 SYNERGY-SMQ-C04 Datasheet
472Kb / 4P
   90쨘 HYBRID
More results

Similar Description - SMQT1553-10

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SLQT1553-1 PULSE-SLQT1553-1 Datasheet
490Kb / 3P
   Stacked Dual THT and SMT non-QPL Interface Transformers
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
   Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
   PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
   PULSE TRANSFORMERS
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
   Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
   Pulse Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com