Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5943 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC5943
Description  16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5943 Datasheet(HTML) 5 Page - Texas Instruments

  TLC5943_17 Datasheet HTML 1Page - Texas Instruments TLC5943_17 Datasheet HTML 2Page - Texas Instruments TLC5943_17 Datasheet HTML 3Page - Texas Instruments TLC5943_17 Datasheet HTML 4Page - Texas Instruments TLC5943_17 Datasheet HTML 5Page - Texas Instruments TLC5943_17 Datasheet HTML 6Page - Texas Instruments TLC5943_17 Datasheet HTML 7Page - Texas Instruments TLC5943_17 Datasheet HTML 8Page - Texas Instruments TLC5943_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TLC5943
SBVS101 – DECEMBER 2007
At VCC = 3.0 V to 5.5 V, TA = –40°C to +85°C, CL = 15 pF, RL = 82 Ω, RIREF = 1 kΩ, and VLED = 5.0 V. Typical values at
VCC = 3.3 V and TA = +25°C, unless otherwise noted.
TLC5943
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR0
SOUT
16
Rise time
ns
tR1
OUTn, BC = 7Fh
10
30
tF0
SOUT
16
ns
tF1
Fall time
OUTn, BC = 7Fh
10
30
tF2
XERR, CL = 100 pF, RL = 1 kΩ, VXERR = 5 V
100
ns
tD0
SCLK
↑ to SOUT
25
ns
tD1
BLANK
↑ to OUT0 sink current off
20
40
ns
tD2
GSCLK
↑ to OUT0/4/8/12
5
18
40
ns
Propagation delay time
tD3
GSCLK
↑ to OUT1/5/9/13
20
42
73
ns
tD4
GSCLK
↑ to OUT2/6/10/14
35
66
106
ns
tD5
GSCLK
↑ to OUT3/7/11/15
50
90
140
ns
tON_ERR
Output on-time error(1)
GSn = 0001h, GSCLK = 33 MHz
–20
10
ns
(1)
Output on-time error is calculated by the following formula: TON_ERR (ns) = tOUTON – TGSCLK. tOUTON is the actual on-time of the constant
current driver. TGSCLK is the period of GSCLK.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC5943


Similar Part No. - TLC5943_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results

Similar Description - TLC5943_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com