Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5941RHB Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC5941RHB
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5941RHB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5941RHB Datasheet HTML 6Page - Texas Instruments TLC5941RHB Datasheet HTML 7Page - Texas Instruments TLC5941RHB Datasheet HTML 8Page - Texas Instruments TLC5941RHB Datasheet HTML 9Page - Texas Instruments TLC5941RHB Datasheet HTML 10Page - Texas Instruments TLC5941RHB Datasheet HTML 11Page - Texas Instruments TLC5941RHB Datasheet HTML 12Page - Texas Instruments TLC5941RHB Datasheet HTML 13Page - Texas Instruments TLC5941RHB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
www.ti.com
Typical Characteristics
100
0
10
20
30
40
50
60
70
80
1k
10k
3.84k
1.92k
1.28k
0.96k
0.79k
0.64k
0.55k
0.48k
IO(LC) − OutputCurrent − mA
TA − Free-Air Temperature − 5C
0
1000
2000
3000
4000
−40
−20
0
20
40
60
80
TLC5941PWP+
TLC5941RHB
TLC5941NT
TLC5941PWP−
0
10
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
V
-OutputVoltage-V
O
I
=80mA
O
I
=60mA
O
I
=40mA
O
I
=20mA
O
I
=5mA
O
T =25°C,
V
=3.3V
A
CC
55
56
57
58
59
60
61
62
63
64
65
0
0.5
1
1.5
2
2.5
3
V
-OutputVoltage-V
O
I
=60mA,
V
=3.3V
O
CC
T =85°C
A
T =25°C
A
T =-40°C
A
TLC5941
SLVS589D – JULY 2005 – REVISED JANUARY 2008
REFERENCE RESISTOR
POWER DISSIPATION RATE
vs
vs
OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
OUTPUT CURRENT
OUTPUT CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 5.
Figure 6.
10
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5941


Similar Part No. - TLC5941RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941RHB TI-TLC5941RHB Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941RHBR TI-TLC5941RHBR Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941RHBR TI1-TLC5941RHBR Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941RHBRG4 TI-TLC5941RHBRG4 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941RHBRG4 TI1-TLC5941RHBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5941RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com