Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAI56I0245K Datasheet(PDF) 1 Page - AVX Corporation

Part # FAI56I0245K
Description  Medium Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FAI56I0245K Datasheet(HTML) 1 Page - AVX Corporation

  FAI56I0245K Datasheet HTML 1Page - AVX Corporation FAI56I0245K Datasheet HTML 2Page - AVX Corporation FAI56I0245K Datasheet HTML 3Page - AVX Corporation FAI56I0245K Datasheet HTML 4Page - AVX Corporation FAI56I0245K Datasheet HTML 5Page - AVX Corporation FAI56I0245K Datasheet HTML 6Page - AVX Corporation FAI56I0245K Datasheet HTML 7Page - AVX Corporation FAI56I0245K Datasheet HTML 8Page - AVX Corporation FAI56I0245K Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
JUNE 2015
91
Medium Power Film Capacitors
FAI (RoHS Compliant)
TUNING
ELECTRICAL CHARACTERISTICS
Capacitance range Cn
110nF to 60μF
Tolerance
±10%
Rated AC voltage
200 to 650 Vrms
Series parasitic inductance
< 5 nH
Test voltage between
terminals @ 25°C
1.2 Vrms 50/60 Hz 10s
Dielectric
Polypropylene
The FAI series uses metallized polypropylene dielectric
specifically designed for very high reactive power.
The FAI's special design gives to this series a very low level
of stray inductance.
APPLICATIONS
These capacitors have been designed principally for:
low and medium frequency applications
(10 kHz to 500 kHz)
MAXIMUM WORKING TEMPERATURE
(HOT SPOT)
+85°C: Hot spot temperature must be calculated as function
of power dissipation.
10 00
10 00 0
10 00 00
10 00 00 0
60
70
80
90
Theoretical life time vs hot spot temperature
Hot spot temperature (
∞C)
HOT SPOT (THERMAL) CALCULATION
See Hot Spot Temperature page 3.
You can calculate the maximum operating (hot spot) tem-
perature of this capacitor in the following manner:
Polypropylene has a constant loss factor (tg
δ0) of 2x10-4
irrespective of temperature and frequency (up to 1 MHz).
The loss factor of the capacitor is made up of the sum of
two components. The first represents electrical losses
(tg
δ0 = 2.10-4) and the second represents Joule effect in the
connection and foils: Rs.C.2
πF.
For all applications, the temperature in the hot spot capacitor
must be lower than 85°C.
Heating calculation of hot spot capacitor: FAI1 FAI2 FAI3
θ hot spot = θ terminals + (tgδ0.Q + Rs.(Irms)2).Rth
Heating calculation of hot spot capacitor: FAI6
θ hot spot = θ water + (tgδ0Q + Rs.(Irms)2).Rth
With:
tg
δ0 = 2.10-4
Q in Var
Rs in Ohms
Irms in Amperes
Rth in °C/W (water flow = 10 dm3/minute)
Note: The life time depends of hot spot temperature, see
following curve.
HOW TO ORDER
FAI
Series
1
Case
Size
1
2
3
4
5
6
6
Dielectric
6 = Polypropylene
J
Voltage Code
H = 300 Vrms
I = 350 Vrms (Case size 3)
I = 400 Vrms (Case size 4)
J = 500 Vrms
K = 60 Vrms
0114
Capacitance Code
0 + pF code
0114 = 0.11μF (110nF)
0245 = 2.4μF (2400nF)
0405 = 4.0μF (4000nF)
etc.
K
Capacitance
Tolerances
K = ±10%
––
Terminal Code
– – = Standard


Similar Part No. - FAI56I0245K

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAI3D-10 RHOMBUS-IND-FAI3D-10 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-10G RHOMBUS-IND-FAI3D-10G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-10J RHOMBUS-IND-FAI3D-10J Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-15 RHOMBUS-IND-FAI3D-15 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-15G RHOMBUS-IND-FAI3D-15G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
More results

Similar Description - FAI56I0245K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com