Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAI56K0114K Datasheet(PDF) 9 Page - AVX Corporation

Part # FAI56K0114K
Description  Medium Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FAI56K0114K Datasheet(HTML) 9 Page - AVX Corporation

  FAI56K0114K Datasheet HTML 1Page - AVX Corporation FAI56K0114K Datasheet HTML 2Page - AVX Corporation FAI56K0114K Datasheet HTML 3Page - AVX Corporation FAI56K0114K Datasheet HTML 4Page - AVX Corporation FAI56K0114K Datasheet HTML 5Page - AVX Corporation FAI56K0114K Datasheet HTML 6Page - AVX Corporation FAI56K0114K Datasheet HTML 7Page - AVX Corporation FAI56K0114K Datasheet HTML 8Page - AVX Corporation FAI56K0114K Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
JUNE 2015
99
Medium Power Film Capacitors
FAI (RoHS Compliant)
3.5 F 600 Vrms Width90 mm
FAI66K0355K--
0
100
200
300
400
500
600
10
100
F (kHz)
U (Vrms)
I ( Arms)
Q( kVAR)
7 F 600 Vrms Width 190 mm
FAI66K0705K--
0
200
400
600
800
1000
1200
10
100
F (kHz)
U (Vrms)
I ( Arms)
Q( kVAR)
10.5 F 600 Vrms Width 290 mm
FAI66K1055K--
0
200
400
600
800
1000
1200
1400
1600
10
100
F (kHz)
U (Vrms)
I ( Arms)
Q( kVAR)
14 F 600 Vrms Width 390 mm
FAI66K0146K--
0
500
1000
1500
2000
10
100
F (kHz)
U (Vrms)
I ( Arms)
Q( kVAR)
1.5 F 650 Vrms Width90 mm
FAI66A0155K--
0
100
200
300
400
500
600
700
10
100
F (kHz)
U (Vrms)
I ( Arms)
Q( kVAR)
3 F 650 Vrms Width 190 mm
FAI66A0305K--
0
100
200
300
400
500
600
700
800
900
1000
10
100
F (kHz)
U (Vrms)
I ( Arms)
Q( kVAR)
4.5 F 650 Vrms Width 290 mm
FAI66A0455K--
0
200
400
600
800
1000
1200
1400
1600
10
100
F (kHz)
U (Vrms)
I ( Arms)
Q( kVAR)
6 F 650 Vrms Width 390 mm
FAI66A0605K--
0
500
1000
1500
2000
10
100
F (kHz)
U (Vrms)
I ( Arms)
Q( kVAR)
TUNING


Similar Part No. - FAI56K0114K

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAI3D-10 RHOMBUS-IND-FAI3D-10 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-10G RHOMBUS-IND-FAI3D-10G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-10J RHOMBUS-IND-FAI3D-10J Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-15 RHOMBUS-IND-FAI3D-15 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-15G RHOMBUS-IND-FAI3D-15G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
More results

Similar Description - FAI56K0114K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com