Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFV34FK Datasheet(PDF) 3 Page - AVX Corporation

Part # FFV34FK
Description  Medium Power Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFV34FK Datasheet(HTML) 3 Page - AVX Corporation

  FFV34FK Datasheet HTML 1Page - AVX Corporation FFV34FK Datasheet HTML 2Page - AVX Corporation FFV34FK Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20
JUNE 2015
Medium Power Film Capacitors
FFV3 (RoHS Compliant) DC for Medium and High Voltage Applications
Climatic category
40/105/56 (IEC 60068)
Test voltage between terminals @ 25°C
1.5 x Vndc during 10s
Test voltage between terminals and case @ 25°C “ @ 4 kVrms @ 50 Hz during 1 min.
Capacitance range Cn
6μF to 25μF
Tolerance on Cn
±10%
Rated DC voltage Vndc
500 to 1100 V
Dielectric
polypropylene
Max Stray Inductance
15nH
ELECTRICAL CHARACTERISTICS – POLYPROPYLENE DIELECTRIC
50C
60C
70C
80C
85C
95C
105C
0.9
1.2
1.1
0.7
1.0
0.8
100
1000
10000
Lifetime Expectancy (hours)
100000
LIFETIME EXPECTANCY vs Vw/Vn AND HOT SPOT TEMPERATURE
POLYPROPYLENE DIELECTRIC
DC FILTERING
Vw = Permanent working or operating DC voltage.
RATINGS AND PART NUMBER REFERENCE – POLYPROPYLENE DIELECTRIC
Part Number
Capacitance
Irms max.
I2t10 shots
I2t1000 shots
Rs
Rth
Typical
(μF)
(A)
(A2s)
(A2s)
(m )
(°C/W)
Weight (g)
Vndc = 500 V
Vrms = 105 v max
Voltage Code: J
FFV36J0206K--
20
27
3200
320
5.88
3.5
90
FFV36J0256K--
25
33
5000
500
4.72
3.1
90
Vndc = 700 V
Vrms = 120 v max
Voltage Code: A
FFV36A0146K--
14
21
2000
200
7.34
3.7
90
FFV36A0206K--
20
30
4200
420
5.15
3.1
90
Vndc = 900 V
Vrms = 150 v max
Voltage Code: C
FFV36C0106K--
10
19
1600
160
8.21
3.4
90
FFV36C0136K--
13
25
2800
280
6.33
2.9
90
Vndc = 1100 V
Vrms = 180 v max
Voltage Code: L
FFV36L0605K--
6
13
800
80
11.4
3.7
90
FFV36L0905K--
9
20
1900
190
7.61
2.9
90


Similar Part No. - FFV34FK

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFV34F0556K AVX-FFV34F0556K Datasheet
104Kb / 4P
   Medium Power Film Capacitors FFV3 (RoHS Compliant)
FFV34F0656K AVX-FFV34F0656K Datasheet
104Kb / 4P
   Medium Power Film Capacitors FFV3 (RoHS Compliant)
More results

Similar Description - FFV34FK

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com