Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAI26J0114K Datasheet(PDF) 4 Page - AVX Corporation

Part # FAI26J0114K
Description  Medium Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FAI26J0114K Datasheet(HTML) 4 Page - AVX Corporation

  FAI26J0114K Datasheet HTML 1Page - AVX Corporation FAI26J0114K Datasheet HTML 2Page - AVX Corporation FAI26J0114K Datasheet HTML 3Page - AVX Corporation FAI26J0114K Datasheet HTML 4Page - AVX Corporation FAI26J0114K Datasheet HTML 5Page - AVX Corporation FAI26J0114K Datasheet HTML 6Page - AVX Corporation FAI26J0114K Datasheet HTML 7Page - AVX Corporation FAI26J0114K Datasheet HTML 8Page - AVX Corporation FAI26J0114K Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
94
JUNE 2015
TUNING
Medium Power Film Capacitors
FAI (RoHS Compliant)
I (Arms)
U (Vrms)
Q (Kvar)
600
500
400
300
200
100
0
10
100
Frequency (kHz)
1000
I (Arms)
U (Vrms)
Q (Kvar)
600
500
400
300
200
100
0
10
100
Frequency (kHz)
1000
I (Arms)
U (Vrms)
Q (Kvar)
600
500
400
300
200
100
0
10
100
Frequency (kHz)
1000
I (Arms)
U (Vrms)
Q (Kvar)
600
500
400
300
200
100
0
10
100
Frequency (kHz)
1000
I (Arms)
U (Vrms)
Q (Kvar)
600
500
400
300
200
100
0
10
100
Frequency (kHz)
1000
I (Arms)
U (Vrms)
Q (Kvar)
600
500
400
300
200
100
0
10
100
Frequency (kHz)
1000
FAI46H0405K--
4000nF±10%
300Vrms
FAI46I0245K--
2400nF±10%
400Vrms
FAI46J0185K--
1800nF±10%
450Vrms
FAI46J0664K--
660nF±10%
500Vrms
FAI46J0334K--
330nF±10%
600Vrms
FAI46J0284K--
280nF±10%
600Vrms


Similar Part No. - FAI26J0114K

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAI3D-10 RHOMBUS-IND-FAI3D-10 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-10G RHOMBUS-IND-FAI3D-10G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-10J RHOMBUS-IND-FAI3D-10J Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-15 RHOMBUS-IND-FAI3D-15 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-15G RHOMBUS-IND-FAI3D-15G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
More results

Similar Description - FAI26J0114K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com