Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAI16J0114K Datasheet(PDF) 2 Page - AVX Corporation

Part # FAI16J0114K
Description  Medium Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FAI16J0114K Datasheet(HTML) 2 Page - AVX Corporation

  FAI16J0114K Datasheet HTML 1Page - AVX Corporation FAI16J0114K Datasheet HTML 2Page - AVX Corporation FAI16J0114K Datasheet HTML 3Page - AVX Corporation FAI16J0114K Datasheet HTML 4Page - AVX Corporation FAI16J0114K Datasheet HTML 5Page - AVX Corporation FAI16J0114K Datasheet HTML 6Page - AVX Corporation FAI16J0114K Datasheet HTML 7Page - AVX Corporation FAI16J0114K Datasheet HTML 8Page - AVX Corporation FAI16J0114K Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
92
JUNE 2015
Part Number
C
Irms max
Vrms max
Q max
Rs
Rth
L max
H max
Typical
(
nF)
(A)
(V)
kVARS
(m )
(°C/W)
Weight (g)
FAI36J0114K--
110
180
500
100
0.3
0.82
55 (2.165)
35 (1.378)
150
FAI36J0334K--
330
350
500
175
0.15
0.55
75 (2.953)
37 (1.457)
220
FAI36J0514K--
510
500
500
250
0.1
0.3
95 (3.740)
42 (1.654)
315
FAI36J0664K--
660
600
500
300
0.1
0.24
95 (3.740)
42 (1.654)
315
With F in Hz
FAI2 STYLE
CASE SIZE 2
DIMENSIONS
FAI3 STYLE
CASE SIZE 3
DIMENSIONS
FAI4 STYLE
CASE SIZE 4
DIMENSIONS
Dimensions: millimeters (inches)
Dimensions: millimeters (inches)
Part Number
C
Irms max
Vrms max
Q max
Rs
Rth
(
nF)
(A)
(V)
kVARS
(m )
(°C/W)
FAI46H0405K--
4000
600
300
180
0.13
0.15
315
FAI46I0245K--
2400
500
400
200
0.15
0.20
315
FAI46J0185K--
1800
550
450
230
0.35
0.38
315
FAI46J0125K--
1200
500
500
200
0.20
0.22
315
FAI46J0664K--
660
450
500
220
0.26
0.32
315
FAI46K0334K--
330
380
600
220
0.315
0.315
315
FAI46K0284K--
280
320
600
190
0.37
0.375
315
40.0
±0.50
(1.575
±0.020)
50.0
(1.969)
65.0
±0.50
(2.559
±0.020)
30.2
±0.10
(1.189
±0.004)
M6 Depth 6
5.00 (0.197)
75.0 (2.953)
5.00
(0.197)
1
Marking
Dimensions: millimeters (inches)
Part Number
C
Irms max
Vrms max
Q max
Rs
Rth
L max
H max
Typical
(
nF)
(A)
(V)
kVARS
(m )
(°C/W)
Weight (g)
FAI16J0114K--
110
180
500
100
8 x 10-4 x
√ F + 0.19
0.86
55 (2.165)
35 (1.378)
125
FAI16J0214K--
210
300
500
150
5 x 10-4 x
√ F + 0.12
0.67
75 (2.953)
40 (1.575)
195
FAI16J0334K--
330
350
500
175
5 x 10-4 x
√ F + 0.15
0.54
75 (2.953)
40 (1.575)
195
FAI16J0514K--
510
500
500
250
4 x 10-4 x
√ F + 0.08
0.49
95 (3.740)
45 (1.772)
275
FAI16J0664K--
660
600
500
300
3.5 x 10-4 x
√ F + 0.06
0.38
95 (3.740)
45 (1.772)
275
Medium Power Film Capacitors
FAI (RoHS Compliant)
FAI1 STYLE
CASE SIZE 1
DIMENSIONS
With F in Hz
Dimensions: millimeters (inches)
Part Number
C
Irms max
Vrms max
Q max
Rs
Rth
L max
H max
Typical
(
nF)
(A)
(V)
kVARS
(m )
(°C/W)
Weight (g)
FAI26J0664K--
660
300
500
180
5 x 10-4 x
√ F + 0.25
0.6
75 (2.953)
40 (1.575)
300
FAI26J0125K--
1200
400
500
200
5 x 10-4 x
√ F + 0.20
0.56
75 (2.953)
40 (1.575)
300
FAI26I0245K--
2400
500
350
175
5 x 10-4 x
√ F + 0.17
0.55
75 (2.953)
40 (1.575)
300
TUNING


Similar Part No. - FAI16J0114K

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAI3D-10 RHOMBUS-IND-FAI3D-10 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-10G RHOMBUS-IND-FAI3D-10G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-10J RHOMBUS-IND-FAI3D-10J Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-15 RHOMBUS-IND-FAI3D-15 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI3D-15G RHOMBUS-IND-FAI3D-15G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
More results

Similar Description - FAI16J0114K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com