Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7316DRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316DRG4
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7316DRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS7316DRG4 Datasheet HTML 7Page - Texas Instruments THS7316DRG4 Datasheet HTML 8Page - Texas Instruments THS7316DRG4 Datasheet HTML 9Page - Texas Instruments THS7316DRG4 Datasheet HTML 10Page - Texas Instruments THS7316DRG4 Datasheet HTML 11Page - Texas Instruments THS7316DRG4 Datasheet HTML 12Page - Texas Instruments THS7316DRG4 Datasheet HTML 13Page - Texas Instruments THS7316DRG4 Datasheet HTML 14Page - Texas Instruments THS7316DRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
APPLICATION INFORMATION
OPERATING VOLTAGE
INPUT VOLTAGE
INPUT OVERVOLTAGE PROTECTION
+ Vs
External
Input/
Output
Pin
Internal
Circuitry
THS7316
SLOS521A – MARCH 2007 – REVISED JANUARY 2008
The THS7316 is targeted for standard definition video output buffer applications. Although it can be used for
numerous other applications, the needs and requirements of the video signal is an important design parameter of
the THS7316. Built on the Silicon Germanium (SiGe) BiCom-3 process, the THS7316 incorporates many
features not typically found in integrated video parts while consuming low power.
The THS7316 has the following features:
• Single-Supply 3-V to 5-V operation with low total quiescent current of 18.3-mA at 3.3-V and 19.3-mA at 5-V.
• Input configuration accepting DC + Level shift, AC Sync-Tip Clamp.
• AC-Biasing is accomplished with the use of an external pull-up resistor to the positive power supply.
• 5th-Order Low Pass Filter for DAC reconstruction or ADC image rejection:
36-MHz for HDTV, Y'P'BP'R 720p/1080i, G'B'R' (R'G'B'), and Computer VGA/SVGA/XGA signals.
Can also be used for SDTV (480i, 576i, CVBS, S-Video), and EDTV (480p and 576p) signals if desired.
• Internal fixed gain of 2 V/V (6 dB) buffer that can drive up to 2 video lines per channel with dc coupling or
traditional ac coupling.
• Signal flow-through configuration using an 8-pin SOIC package that complies with the latest (RoHS
compatible) and Green manufacturing requirements.
The THS7316 is designed to operate from 3-V to 5-V over a –40
°C to 85°C temperature range. The impact on
performance over the entire temperature range is negligible due to the implementation of thin film resistors and
high quality – low temperature coefficient capacitors.
The power supply pins should have a 0.1-
µF to 0.01-µF capacitor placed as close as possible to these pins.
Failure to do so may result in the THS7316 outputs ringing or have an oscillation. Additionally, a large capacitor,
such as 22
µF to 100 µF, should be placed on the power supply line to minimize interference with 50/60 Hz line
frequencies.
The THS7316 input range allows for an input signal range from –0.3 V to about (Vs+ – 1.5 V). But, due to the
internal fixed gain of 2 V/V (6 dB) and the internal level shift of nominally 140-mV, the output is generally the
limiting factor for the allowable linear input range. For example, with a 5-V supply, the linear input range is from
–0.3 V to 3.5 V. However, due to the gain and level shift, the linear output range limits the allowable linear input
range to be from about –0.1 V to 2.3 V.
The THS7316 is built using a high-speed complementary bipolar and CMOS process. The internal junction
breakdown voltages are low for these small geometry devices. These breakdowns are reflected in the Absolute
Maximum Ratings table. All input and output device pins are protected with internal ESD protection diodes to the
power supplies, as shown in Figure 26.
Figure 26. Internal ESD Protection
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :THS7316


Similar Part No. - THS7316DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316DRG4 TI-THS7316DRG4 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI-THS7316DRG4 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI1-THS7316DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com