Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7316DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316DR
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7316DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7316DR Datasheet HTML 5Page - Texas Instruments THS7316DR Datasheet HTML 6Page - Texas Instruments THS7316DR Datasheet HTML 7Page - Texas Instruments THS7316DR Datasheet HTML 8Page - Texas Instruments THS7316DR Datasheet HTML 9Page - Texas Instruments THS7316DR Datasheet HTML 10Page - Texas Instruments THS7316DR Datasheet HTML 11Page - Texas Instruments THS7316DR Datasheet HTML 12Page - Texas Instruments THS7316DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
f − Frequency − MHz
20
0.1
10
100
1
V =5V
V
=200mV
R =150
||13pF
S
O
PP
L
W
25
10
15
f − Frequency − MHz
−60
−50
−40
−30
−20
−10
0
10
10
100
1k
1
V
=0.2V
O
PP
V
=2V
O
PP
V =5V
S
Load=150
||13pF
W
f − Frequency − MHz
−60
−50
−40
−30
−20
−10
0
10
10
100
1k
1
C =13pF
L
C =5pF
L
C =20pF
L
V =5V
V
=200mV
S
O
PP
Load=150
||C
W
L
V
− OutputVoltage − V
O
PP
-90
-70
-60
-40
-30
-20
3.5
4.5
0.5
1.5
1
2
2.5
3
4
-80
-50
V =5V
S
Load=150
||13pF
W
F=16MHz
F=8MHz
F=4MHz
F=2MHz
F=1MHz
f − Frequency − MHz
−90
−80
−70
−60
−30
0.1
10
100
1k
1
V =5V
V
=1V
S
O
PP
R =150
||13pF
L
W
Ch.1< >Ch.2
-
Ch.1< >Ch.3
-
Ch.2< >Ch.3
-
−50
−40
V
− OutputVoltage − V
O
PP
-90
-70
-60
-40
-30
-20
3.5
4.5
0.5
1.5
1
2
2.5
3
4
-80
-50
V =5V
S
Load=150
||13pF
W
F=16MHz
F=8MHz
F=4MHz
F=2MHz
-100
F=1MHz
THS7316
SLOS521A – MARCH 2007 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
GROUP DELAY vs FREQUENCY
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 16.
Figure 17.
SMALL-SIGNAL FREQUENCY RESPONSE vs
2nd HARMONIC DISTORTION vs
CAPACITIVE LOADING
OUTPUT VOLTAGE
Figure 18.
Figure 19.
3rd HARMONIC DISTORTION vs
OUTPUT VOLTAGE
CROSSTALK vs FREQUENCY
Figure 20.
Figure 21.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :THS7316


Similar Part No. - THS7316DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316DR TI-THS7316DR Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DR TI-THS7316DR Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DR TI1-THS7316DR Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI-THS7316DRG4 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI-THS7316DRG4 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com