Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7314DG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7314DG4
Description  3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7314DG4 Datasheet(HTML) 3 Page - Texas Instruments

  THS7314DG4 Datasheet HTML 1Page - Texas Instruments THS7314DG4 Datasheet HTML 2Page - Texas Instruments THS7314DG4 Datasheet HTML 3Page - Texas Instruments THS7314DG4 Datasheet HTML 4Page - Texas Instruments THS7314DG4 Datasheet HTML 5Page - Texas Instruments THS7314DG4 Datasheet HTML 6Page - Texas Instruments THS7314DG4 Datasheet HTML 7Page - Texas Instruments THS7314DG4 Datasheet HTML 8Page - Texas Instruments THS7314DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LPF
6dB
LPF
6dB
LPF
6dB
Channel3
Output
Channel1
Output
Level
Shift
800kW
Channel2
Output
800kW
3Vto5V
800kW
Channel3
Input
Sync-Tip
Clamp
(DCRestore)
5-Pole
8.5-MHz
Channel1
Input
Channel2
Input
Sync-Tip
Clamp
(DCRestore)
Sync-Tip
Clamp
(DCRestore)
5-Pole
8.5-MHz
gm
+
-
5-Pole
8.5-MHz
+Vs
+Vs
+Vs
Level
Shift
Level
Shift
gm
+
-
gm
+
-
5
8
7
6
1
2
3
4
CH.1IN
CH.2IN
CH.3IN
V
S+
CH.1OUT
CH.2OUT
CH.3OUT
GND
THS7314
THS7314
www.ti.com
SLOS513A
– DECEMBER 2006 – REVISED MARCH 2011
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
SOIC-8 (D)
(TOP VIEW)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO. SOIC-8
CH. 1
– INPUT
1
I
Video Input
– Channel 1
CH. 2
– INPUT
2
I
Video Input
– Channel 2
CH. 3
– INPUT
3
I
Video Input
– Channel 3
+Vs
4
I
Positive Power Supply Pin
– connect to 3 V to 5 V.
GND
5
I
Ground Pin for all internal circuitry.
CH. 3
– OUTPUT
6
O
Video Output
– Channel 3
CH. 2
– OUTPUT
7
O
Video Output
– Channel 2
CH. 1
– OUTPUT
8
O
Video Output
– Channel 1
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :THS7314


Similar Part No. - THS7314DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314DG4 TI-THS7314DG4 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7314DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7374 TI-THS7374 Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com