Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA02316MDCAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HPA02316MDCAR
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA02316MDCAR Datasheet(HTML) 4 Page - Texas Instruments

  HPA02316MDCAR Datasheet HTML 1Page - Texas Instruments HPA02316MDCAR Datasheet HTML 2Page - Texas Instruments HPA02316MDCAR Datasheet HTML 3Page - Texas Instruments HPA02316MDCAR Datasheet HTML 4Page - Texas Instruments HPA02316MDCAR Datasheet HTML 5Page - Texas Instruments HPA02316MDCAR Datasheet HTML 6Page - Texas Instruments HPA02316MDCAR Datasheet HTML 7Page - Texas Instruments HPA02316MDCAR Datasheet HTML 8Page - Texas Instruments HPA02316MDCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
2
4
19
7
10
11
14
18
21
22
1
3
8
9
12
13
17
20
23
24
6
5
15
16
47
45
30
42
39
38
35
31
28
27
48
46
41
40
37
36
32
29
26
25
43
44
34
33
PowerPAD
PGND
SPK_OUTA
BSTRPA
PVDD
TEST1
TEST2
DR_INA
DR_OUTA
DR_OUTB
DR_INB
DR_VSS
DR_CN
DR_CP
DRVDD
PLL_GND
PLL_FLTM
PLL_FLTP
AVDD_REG1
AVDD
ADR/FAULT
MCLK
OSC_RES
OSC_GND
DVDD_REG
SPK_OUTB
BSTRPB
BSTRPC
SPK_OUTC
PGND
SPK_OUTD
BSTRPD
PVDD
GVDD_REG
DR_SD
SSTIMER
AVDD_REG2
AGND
DGND
DVDD
TEST3
RST
NC
SCL
SDA
SDIN
SCLK
LRCLK
PDN
4
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
This terminal should be connected to the system ground
(3)
This terminal is provided as a connection point for filtering capacitors for this supply and must not be used to power any external
circuitry.
6 Pin Configuration and Functions
DCA Package
48-Pin HTSSOP
Top View
Pin Functions
PIN
TYPE(1)
TERMINATION
DESCRIPTION
NAME
NO.
ADR/FAULT
20
DI/DO
-
Dual function terminal which sets the LSB of the I2C address to 0 if pulled
to GND, 1 if pulled to DVDD. If configured to be a fault output by the
methods described in I²C Address Selection and Fault Output, this terminal
is pulled low when an internal fault occurs. A pull-up or pull-down resistor is
required, as is shown in the Typical Application Circuit Diagrams.
AGND
36
P
-
Ground reference for analog circuitry(2)
AVDD
19
P
-
Power supply for internal analog circuitry
AVDD_REG1
18
P
-
Voltage regulator derived from AVDD supply(3)
AVDD_REG2
37
P
-
Voltage regulator derived from AVDD supply(3)
BSTRPx
3, 42, 46,
47
P
-
Connection points for the bootstrap capacitors, which are used to create a
power supply for the high-side gate drive of the device
DGND
35
P
-
Ground reference for digital circuitry(2)
DR_CN
12
P
-
Negative terminal for capacitor connection used in headphone amplifier
and line driver charge pump
DR_CP
13
P
-
Positive terminal for capacitor connection used in headphone amplifier and
line driver charge pump
DR_INx
7, 10
AI
-
Input for channel A or B of headphone amplifier or line driver
DR_OUTx
8, 9
AO
-
Output for channel A or B of headphone amplifier or line driver
DR_SD
39
DI
-
Places the headphone amplifier/line driver in shutdown when pulled low.


Similar Part No. - HPA02316MDCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA02135DBTR TI1-HPA02135DBTR Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
HPA02141ERTER TI1-HPA02141ERTER Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
HPA02141EYFFR TI1-HPA02141EYFFR Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
HPA02141EYFFR TI1-HPA02141EYFFR Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
HPA02141EYFFR TI1-HPA02141EYFFR Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
More results

Similar Description - HPA02316MDCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721 TI-TAS5721_15 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721 TI1-TAS5721 Datasheet
1Mb / 71P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711 TI1-TAS5711_14 Datasheet
2Mb / 67P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
logo
Anpec Electronics Corop...
APA3169 ANPEC-APA3169 Datasheet
1Mb / 53P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ, DRC and 2.1 Mode
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
logo
Elite Semiconductor Mem...
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
   2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com