Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T4260 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T4260
Description  AM/FM Front End IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4260 Datasheet(HTML) 4 Page - ATMEL Corporation

  T4260 Datasheet HTML 1Page - ATMEL Corporation T4260 Datasheet HTML 2Page - ATMEL Corporation T4260 Datasheet HTML 3Page - ATMEL Corporation T4260 Datasheet HTML 4Page - ATMEL Corporation T4260 Datasheet HTML 5Page - ATMEL Corporation T4260 Datasheet HTML 6Page - ATMEL Corporation T4260 Datasheet HTML 7Page - ATMEL Corporation T4260 Datasheet HTML 8Page - ATMEL Corporation T4260 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
T4260
4528G–AUDR–12/03
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All voltages are referred to GND
Parameters
Symbol
Value
Unit
Analog supply voltage
Pins 15 and 41
V
ST, VSPLL
10
V
Maximum power consumption
P
tot
1.0
W
Ambient temperature range
T
amb
-40 to +85
° C
Storage temperature range
T
stg
-40 to +150
° C
Junction temperature
T
j
150
° C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient, soldered to PCB
R
thJA
52
K/W
Operating Range
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
(1)
Pins 15 and 41
V
ST, VSPLL
88.5
10
V
Ambient temperature
T
amb
-40
85
° C
Oscillator frequency
Pin 21
R
fi
60
175
MHz
Note:
1. V
ST and VSPLL must have the same voltage.
Electrical Characteristics
Test conditions (unless otherwise specified): V
ST/VSPLL = +8.5 V, Tamb = +25° C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Power Supply
1.1
Supply voltage
15,
41
VS
88.5
10
V
C
1.2
Supply current
AM and FM mode,
V
S = 10 V
15,
41
I
S
70
85
110
mA
A
2PLL Divider
2.1
Programmable
R-divider
14-bit register
3
16383
A
2.2
Programmable (VCO)
N-divider
(1 kHz step frequency)
2-
× 18-bit register
switchable via Bit 5
3
262143
A
2.3
Reference oscillator
input voltage
f = 0.1 MHz to 3 MHz
27
100
mV
rms
B
2.4
Reference frequency
FM
AM
120
120
150
2850
10000
10000
kHz
kHz
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Minimum and maximum limits are characterized for entire temperature range (-40
° C to +85° C) but are tested at +25° C


Similar Part No. - T4260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260 Datasheet
741Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
741Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILSH ATMEL-T4260-ILSH Datasheet
741Kb / 34P
   AM/FM Front End IC
More results

Similar Description - T4260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260_09 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260_08 Datasheet
741Kb / 34P
   AM/FM Front End IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR4262M1 ATMEL-ATR4262M1 Datasheet
230Kb / 12P
   Broadcast Radio Front-end IC for AM/FM/DRM/HD Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com