Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV2050A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 7Page - STMicroelectronics STV2050A Datasheet HTML 8Page - STMicroelectronics STV2050A Datasheet HTML 9Page - STMicroelectronics STV2050A Datasheet HTML 10Page - STMicroelectronics STV2050A Datasheet HTML 11Page - STMicroelectronics STV2050A Datasheet HTML 12Page - STMicroelectronics STV2050A Datasheet HTML 13Page - STMicroelectronics STV2050A Datasheet HTML 14Page - STMicroelectronics STV2050A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
11/83
STV2050A - GENERAL OVERVIEW
Figure 5. Pinout Diagram
77
POUT
HZ
Protection Pin Control
78
PORC
Input
Normally used for electrical loop feedback detec-
tion. Can also be set as an inpout or an output.
79
PORB
80
PORA
Pin No.
Pin Name
Reset Status
and Remarks
Description
DAGV
DNGV
VCCB
DABV
DNBV
GNDB
OGAV
OGAH
GNDP
REFC
REFN
GNDI
DARH
DNRH
VCCA
DAGH
DNGH
GNDA
DABH
DNBH
VCCG
GNDG
VCCH
GNDH
SDAM
SCLM
GNDQ
GNDK
VCCQ
VCCK
SDAO
SDAI
SCLS
VBLK
TEST
VCCN
REST
ECLK
GNDN
VIDR
VIDG
VIDB
VCCD
GNDD
OSCL
GRES
GNDF
FILT
1
24
80
25
40
41
64
65
5
10
15
20
30
35
45
50
55
60
70
75
PQFP80


Similar Part No. - STV2050A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV200N55F3 STMICROELECTRONICS-STV200N55F3 Datasheet
491Kb / 12P
   N-channel 55 V, 1.8 mΩ, 200 A, PowerSO-10 STripFET™ Power MOSFET
March 2009 Rev 3
More results

Similar Description - STV2050A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M82710 ETC2-M82710 Datasheet
172Kb / 2P
   ComcertoTM 700 Series Carrier Convergence Processor
logo
Frontier Electronics.
TYPE5106 FRONTIER-TYPE5106 Datasheet
120Kb / 1P
   TV Convergence & Width coils
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
VP-1000A ETC1-VP-1000A Datasheet
832Kb / 6P
   Digital Voice Processor
logo
Texas Instruments
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
STMicroelectronics
STABP01 STMICROELECTRONICS-STABP01 Datasheet
140Kb / 7P
   BASH DIGITAL PROCESSOR
logo
Texas Instruments
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com