Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103AX Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SD103AX
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD103AX Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SD103AX Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD103AX Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD103AX Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Schottky Barrier Diode
SD103AX
H012
www.gmicroelec.com
Rev.A
1
FEATURES
Low forward voltage drop.
Guard ring construction for transient protection.
Low reverse recovery time.
Low reverse capacitance.
APPLICATIONS
SOD-523
Schottky barrier application.
ORDERING INFORMATION
Type No.
Marking
Package Code
SD103AX
S4
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
DC Reverse voltage
VR
40
V
Continuous forward current
IF
350
mA
Repetitive peak forward current @t≤1.0s
IFRM
1
A
Total power dissipation
Ptot
200
mW
Junction temperature
Tj
125
Storage temperature
Tstg
-65 to +125
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
40
V
IR=100μA
Forward voltage
VF
0.37
0.60
V
IF=20mA
IF=200mA
Reverse current
IR
5.0
μA
VR=30V
Diode capacitance
Cd
50
pF
VR=0V,f=1MHz
Reverse recovery time
trr
10
ns
IF=IR=50mA,RL=100Ω
Pb
Lead-free


Similar Part No. - SD103AX

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
   Schottky Barrier Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AX YFWDIODE-SD103AX Datasheet
574Kb / 3P
   Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
   Schottky Plastic-Encapsulated Diode
logo
SHIKUES Electronics
SD103AX SKTECHNOLGY-SD103AX Datasheet
542Kb / 3P
   Schottky Barrier Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
More results

Similar Description - SD103AX

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com