Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29N02GVBIAA Datasheet(PDF) 9 Page - Winbond

Part # W29N02GVBIAA
Description  W29N02GV 2G-BIT 3.3V NAND FLASH MEMORY
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29N02GVBIAA Datasheet(HTML) 9 Page - Winbond

Back Button W29N02GVBIAA Datasheet HTML 5Page - Winbond W29N02GVBIAA Datasheet HTML 6Page - Winbond W29N02GVBIAA Datasheet HTML 7Page - Winbond W29N02GVBIAA Datasheet HTML 8Page - Winbond W29N02GVBIAA Datasheet HTML 9Page - Winbond W29N02GVBIAA Datasheet HTML 10Page - Winbond W29N02GVBIAA Datasheet HTML 11Page - Winbond W29N02GVBIAA Datasheet HTML 12Page - Winbond W29N02GVBIAA Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
W29N02GV
Release Date: February 1st, 2016
9
– Revision B
3.2
Pin assignment 63 ball VFBGA (x8)
Figure 3-2 Pin Assignment 63-ball VFBGA (Package code B)
3
4
1
2
7
8
5
6
A
B
9
10
E
F
C
D
J
K
G
H
L
M
N.C
N.C
N.C
RY/#BY
#RE
N.C
N.C
#CE
N.C
CLE
Vss
N.C
#WP
ALE
#WE
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
IO5
IO4
IO7
IO6
N.C
N.C
IO1
IO0
IO3
IO2
Vss
Vcc
Vcc
Vss
DNU
DNU
Top View, ball down


Similar Part No. - W29N02GVBIAA

ManufacturerPart #DatasheetDescription
logo
Winbond
W29N01HV WINBOND-W29N01HV Datasheet
1Mb / 54P
   1G-BIT 3.3V NAND FLASH MEMORY
Revision C
W29N01HVBINA WINBOND-W29N01HVBINA Datasheet
1Mb / 54P
   1G-BIT 3.3V NAND FLASH MEMORY
Revision C
W29N01HVBINATR WINBOND-W29N01HVBINATR Datasheet
1Mb / 54P
   1G-BIT 3.3V NAND FLASH MEMORY
Revision C
W29N01HVDINA WINBOND-W29N01HVDINA Datasheet
1Mb / 54P
   1G-BIT 3.3V NAND FLASH MEMORY
Revision C
W29N01HVDINATR WINBOND-W29N01HVDINATR Datasheet
1Mb / 54P
   1G-BIT 3.3V NAND FLASH MEMORY
Revision C
More results

Similar Description - W29N02GVBIAA

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Samsung semiconductor
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
logo
Winbond
W29N01HV WINBOND-W29N01HV Datasheet
1Mb / 54P
   1G-BIT 3.3V NAND FLASH MEMORY
Revision C
logo
Macronix International
MX30LFXG18AC MCNIX-MX30LFXG18AC Datasheet
1Mb / 80P
   3V, 2G/4G-bit NAND Flash Memory MX30LFxG18AC
REV. 1.4, January. 20, 2017
logo
Samsung semiconductor
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com