Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q32FWBYIG Datasheet(PDF) 11 Page - Winbond

Part # W25Q32FWBYIG
Description  1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FWBYIG Datasheet(HTML) 11 Page - Winbond

Back Button W25Q32FWBYIG Datasheet HTML 7Page - Winbond W25Q32FWBYIG Datasheet HTML 8Page - Winbond W25Q32FWBYIG Datasheet HTML 9Page - Winbond W25Q32FWBYIG Datasheet HTML 10Page - Winbond W25Q32FWBYIG Datasheet HTML 11Page - Winbond W25Q32FWBYIG Datasheet HTML 12Page - Winbond W25Q32FWBYIG Datasheet HTML 13Page - Winbond W25Q32FWBYIG Datasheet HTML 14Page - Winbond W25Q32FWBYIG Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
W25Q32FW
Publication Release Date: July 01, 2016
- 10 -
- Revision H
5. BLOCK DIAGRAM
Figure 2. W25Q32FW Serial Flash Memory Block Diagram
003000h
0030FFh
002000h
0020FFh
001000h
0010FFh
Column Decode
And 256-Byte Page Buffer
Beginning
Page Address
Ending
Page Address
SPI
Command &
Control Logic
Byte Address
Latch / Counter
Status
Register
Write Control
Logic
Page Address
Latch / Counter
DO (IO
1)
DI (IO
0)
/CS
CLK
/WP (IO
2)
High Voltage
Generators
xx0F00h
xx0FFFh
Sector 0 (4KB)
xx0000h
xx00FFh
xx1F00h
xx1FFFh
Sector 1 (4KB)
xx1000h
xx10FFh
xx2F00h
xx2FFFh
Sector 2 (4KB)
xx2000h
xx20FFh
xxDF00h
xxDFFFh
Sector 13 (4KB)
xxD000h
xxD0FFh
xxEF00h
xxEFFFh
Sector 14 (4KB)
xxE000h
xxE0FFh
xxFF00h
xxFFFFh
Sector 15 (4KB)
xxF000h
xxF0FFh
Block Segmentation
Data
Security Register 1 - 3
000000h
0000FFh
SFDP Register
00FF00h
00FFFFh
Block 0 (64KB)
000000h
0000FFh
0FFF00h
0FFFFFh
Block 15 (64KB)
0F0000h
0F00FFh
10FF00h
10FFFFh
Block 16 (64KB)
100000h
1000FFh
1FFF00h
1FFFFFh
Block 31 (64KB)
1F0000h
1F00FFh
20FF00h
20FFFFh
Block 32 (64KB)
200000h
2000FFh
3FFF00h
3FFFFFh
Block 63 (64KB)
3F0000h
3F00FFh
/HOLD (IO
3) or
/RESET (IO
3)


Similar Part No. - W25Q32FWBYIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVDAIF WINBOND-W25Q32FVDAIF Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVDAIF WINBOND-W25Q32FVDAIF Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVDAIG WINBOND-W25Q32FVDAIG Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVDAIG WINBOND-W25Q32FVDAIG Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q32FWBYIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DWSSIG-TR WINBOND-W25Q32DWSSIG-TR Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW_12 Datasheet
1Mb / 85P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com