Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q256FVEIF Datasheet(PDF) 7 Page - Winbond

Part # W25Q256FVEIF
Description  3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q256FVEIF Datasheet(HTML) 7 Page - Winbond

Back Button W25Q256FVEIF Datasheet HTML 3Page - Winbond W25Q256FVEIF Datasheet HTML 4Page - Winbond W25Q256FVEIF Datasheet HTML 5Page - Winbond W25Q256FVEIF Datasheet HTML 6Page - Winbond W25Q256FVEIF Datasheet HTML 7Page - Winbond W25Q256FVEIF Datasheet HTML 8Page - Winbond W25Q256FVEIF Datasheet HTML 9Page - Winbond W25Q256FVEIF Datasheet HTML 10Page - Winbond W25Q256FVEIF Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
W25Q256FV
Publication Release Date: February 11, 2015
- 6 -
Preliminary – Revision H
3. PACKAGE TYPES AND PIN CONFIGURATIONS
W25Q256FV is offered in an 8-pad WSON 8x6-mm (package code E), a 16-pin SOIC 300-mil (package
code F) and two 24-ball 8x6-mm TFBGA (package code B & C) packages as shown in Figure 1a-c
respectively. Package diagrams and dimensions are illustrated at the end of this datasheet.
3.1
Pad Configuration WSON 8x6-mm
1
2
3
4
/CS
DO (IO1)
/WP (IO2)
GND
VCC
/HOLD or /RESET
(IO3)
DI (IO0)
CLK
Top View
8
7
6
5
Figure 1a. W25Q256FV Pad Assignments, 8-pad WSON 8x6-mm (Package Code E)
3.2
Pad Description WSON 8x6-mm
PAD NO.
PAD NAME
I/O
FUNCTION
1
/CS
I
Chip Select Input
2
DO (IO1)
I/O
Data Output (Data Input Output 1)(1)
3
/WP (IO2)
I/O
Write Protect Input ( Data Input Output 2)(2)
4
GND
Ground
5
DI (IO0)
I/O
Data Input (Data Input Output 0)(1)
6
CLK
I
Serial Clock Input
7
/HOLD or /RESET
(IO3)
I/O
Hold or Reset Input (Data Input Output 3)(2)
8
VCC
Power Supply
Notes:
1. IO0 and IO1 are used for Standard and Dual SPI instructions
2. IO0
– IO3 are used for Quad SPI instructions, /WP & /HOLD (or /RESET) functions are only available for Standard/Dual SPI.


Similar Part No. - W25Q256FVEIF

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q256FV WINBOND-W25Q256FV Datasheet
2Mb / 109P
   SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q256FVEIF

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q257FVEIF-TR WINBOND-W25Q257FVEIF-TR Datasheet
1Mb / 104P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256JVEIQ-TR WINBOND-W25Q256JVEIQ-TR Datasheet
2Mb / 92P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q128FVSIG WINBOND-W25Q128FVSIG_13 Datasheet
1Mb / 97P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com