Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q257FVFIQ Datasheet(PDF) 10 Page - Winbond

Part # W25Q257FVFIQ
Description  3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q257FVFIQ Datasheet(HTML) 10 Page - Winbond

Back Button W25Q257FVFIQ Datasheet HTML 6Page - Winbond W25Q257FVFIQ Datasheet HTML 7Page - Winbond W25Q257FVFIQ Datasheet HTML 8Page - Winbond W25Q257FVFIQ Datasheet HTML 9Page - Winbond W25Q257FVFIQ Datasheet HTML 10Page - Winbond W25Q257FVFIQ Datasheet HTML 11Page - Winbond W25Q257FVFIQ Datasheet HTML 12Page - Winbond W25Q257FVFIQ Datasheet HTML 13Page - Winbond W25Q257FVFIQ Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
W25Q257FV
- 9 -
5.
BLOCK DIAGRAM
Figure 2. W25Q257FV Serial Flash Memory Block Diagram
003000h
0030FFh
002000h
0020FFh
001000h
0010FFh
Column Decode
And 256-Byte Page Buffer
Beginning
Page Address
Ending
Page Address
SPI
Command &
Control Logic
Byte Address
Latch / Counter
Status
Register
Write Control
Logic
Page Address
Latch / Counter
DO (IO
1)
DI (IO
0)
/CS
CLK
/HOLD (IO
3)
or RESET
/WP (IO
2)
High Voltage
Generators
xx0F00h
xx0FFFh
Sector 0 (4KB)
xx0000h
xx00FFh
xx1F00h
xx1FFFh
Sector 1 (4KB)
xx1000h
xx10FFh
xx2F00h
xx2FFFh
Sector 2 (4KB)
xx2000h
xx20FFh
xxDF00h
xxDFFFh
Sector 13 (4KB)
xxD000h
xxD0FFh
xxEF00h
xxEFFFh
Sector 14 (4KB)
xxE000h
xxE0FFh
xxFF00h
xxFFFFh
Sector 15 (4KB)
xxF000h
xxF0FFh
Block Segmentation
Data
Security Register 1 - 3
000000h
0000FFh
SFDP Register
0000FF00h
0000FFFFh
Block 0 (64KB)
00000000h
000000FFh
007FFF00h
007FFFFFh
Block 127 (64KB)
007F0000h
007F00FFh
0080FF00h
0080FFFFh
Block 128 (64KB)
00800000h
008000FFh
00FFFF00h
00FFFFFFh
Block 255 (64KB)
00FF0000h
00FF00FFh
0100FF00h
0100FFFFh
Block 256 (64KB)
01000000h
010000FFh
01FFFF00h
01FFFFFFh
Block 511 (64KB)
01FF0000h
01FF00FFh


Similar Part No. - W25Q257FVFIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q256FV WINBOND-W25Q256FV Datasheet
2Mb / 109P
   SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF WINBOND-W25Q256FVBIF Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIG WINBOND-W25Q256FVBIG Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVCIF WINBOND-W25Q256FVCIF Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q257FVFIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256JVEIQ-TR WINBOND-W25Q256JVEIQ-TR Datasheet
2Mb / 92P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q128FVSIG WINBOND-W25Q128FVSIG_13 Datasheet
1Mb / 97P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com