Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q256JVEIQ Datasheet(PDF) 3 Page - Winbond

Part # W25Q256JVEIQ
Description  3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q256JVEIQ Datasheet(HTML) 3 Page - Winbond

  W25Q256JVEIQ Datasheet HTML 1Page - Winbond W25Q256JVEIQ Datasheet HTML 2Page - Winbond W25Q256JVEIQ Datasheet HTML 3Page - Winbond W25Q256JVEIQ Datasheet HTML 4Page - Winbond W25Q256JVEIQ Datasheet HTML 5Page - Winbond W25Q256JVEIQ Datasheet HTML 6Page - Winbond W25Q256JVEIQ Datasheet HTML 7Page - Winbond W25Q256JVEIQ Datasheet HTML 8Page - Winbond W25Q256JVEIQ Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
W25Q256JV
Publication Release Date: September 20, 2016
- 2 -
Revision B
7.1.12
Write Protect Selection (WPS) – Volatile/Non-Volatile Writable .....................................18
7.1.13
Output Driver Strength (DRV1, DRV0) – Volatile/Non-Volatile Writable .........................19
7.1.14
Reserved Bits – Non Functional ......................................................................................19
7.1.15
W25Q256JV Status Register Memory Protection (WPS = 0, CMP = 0).............................20
7.1.16
W25Q256JV Status Register Memory Protection (WPS = 0, CMP = 1).............................21
7.1.17
W25Q256JV Individual Block Memory Protection (WPS=1) ..............................................22
7.2
Extended Address Register – Volatile Writable Only ...................................................... 23
8.
INSTRUCTIONS ............................................................................................................................. 24
8.1
Device ID and Instruction Set Tables ................................................................................. 24
8.1.1
Manufacturer and Device Identification ................................................................................24
8.1.2
Instruction Set Table 1 (Standard/Dual/Quad SPI, 3-Byte Address Mode)(1) .......................25
8.1.3
Instruction Set Table 2 (Dual/Quad SPI Instructions,3-Byte Address Mode) .......................26
8.1.4
Instruction Set Table 3 (Standard SPI, 4-Byte Address Mode)(1)..........................................27
8.1.5
Instruction Set Table 4 (Dual/Quad SPI Instructions, 4-Byte Address Mode) ......................28
8.2
Instruction Descriptions ...................................................................................................... 30
8.2.1
Write Enable (06h) ...............................................................................................................30
8.2.2
Write Enable for Volatile Status Register (50h) ....................................................................30
8.2.3
Write Disable (04h)...............................................................................................................31
Figure 7. Write Disable Instruction for SPI Mode..............................................................................31
8.2.4
Read Status Register-1 (05h), Status Register-2 (35h) & Status Register-3 (15h) ..............31
8.2.5
Write Status Register-1 (01h), Status Register-2 (31h) & Status Register-3 (11h) ..............32
8.2.6
Read Extended Address Register (C8h) ..............................................................................34
8.2.7
Write Extended Address Register (C5h) ..............................................................................35
8.2.8
Enter 4-Byte Address Mode (B7h) ........................................................................................36
8.2.9
Exit 4-Byte Address Mode (E9h) ..........................................................................................36
8.2.10
Read Data (03h) .................................................................................................................37
8.2.11
Read Data with 4-Byte Address (13h) ................................................................................38
8.2.12
Fast Read (0Bh) .................................................................................................................39
8.2.13
Fast Read with 4-Byte Address (0Ch) ................................................................................40
8.2.14
Fast Read Dual Output (3Bh) .............................................................................................41
8.2.15
Fast Read Dual Output with 4-Byte Address (3Ch) ............................................................42
8.2.16
Fast Read Quad Output (6Bh)............................................................................................43
8.2.17
Fast Read Quad Output with 4-Byte Address (6Ch)...........................................................44
8.2.18
Fast Read Dual I/O (BBh)...................................................................................................45
8.2.19
Fast Read Dual I/O with 4-Byte Address (BCh)..................................................................46
8.2.20
Fast Read Quad I/O (EBh) .................................................................................................47
8.2.21
Fast Read Quad I/O with 4-Byte Address (ECh) ................................................................48
8.2.22
Set Burst with Wrap (77h) ..................................................................................................49
8.2.23
Page Program (02h) ...........................................................................................................50
8.2.24
Page Program with 4-Byte Address (12h) ..........................................................................51
8.2.25
Quad Input Page Program (32h) ........................................................................................52
8.2.26
Quad Input Page Program with 4-Byte Address (34h) .......................................................53


Similar Part No. - W25Q256JVEIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q256JW WINBOND-W25Q256JW Datasheet
2Mb / 95P
   1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q256JWBIM WINBOND-W25Q256JWBIM Datasheet
2Mb / 95P
   1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q256JWBIQ WINBOND-W25Q256JWBIQ Datasheet
2Mb / 95P
   1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q256JWCIM WINBOND-W25Q256JWCIM Datasheet
2Mb / 95P
   1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q256JWCIQ WINBOND-W25Q256JWCIQ Datasheet
2Mb / 95P
   1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results

Similar Description - W25Q256JVEIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q257FVEIF-TR WINBOND-W25Q257FVEIF-TR Datasheet
1Mb / 104P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256JW WINBOND-W25Q256JW Datasheet
2Mb / 95P
   1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q32JVTBIQ-TR WINBOND-W25Q32JVTBIQ-TR Datasheet
2Mb / 76P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com