Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q80DVSNIG Datasheet(PDF) 7 Page - Winbond

Part # W25Q80DVSNIG
Description  3V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80DVSNIG Datasheet(HTML) 7 Page - Winbond

Back Button W25Q80DVSNIG Datasheet HTML 3Page - Winbond W25Q80DVSNIG Datasheet HTML 4Page - Winbond W25Q80DVSNIG Datasheet HTML 5Page - Winbond W25Q80DVSNIG Datasheet HTML 6Page - Winbond W25Q80DVSNIG Datasheet HTML 7Page - Winbond W25Q80DVSNIG Datasheet HTML 8Page - Winbond W25Q80DVSNIG Datasheet HTML 9Page - Winbond W25Q80DVSNIG Datasheet HTML 10Page - Winbond W25Q80DVSNIG Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
W25Q80DV
Publication Release Date:July 21, 2015
- 7 -
Prelimry-Revision G
3.3
Pin Configuration PDIP 300-mil
Figure 1c. W25Q80DV Pin Assignments, 8-pin PDIP (Package Code DA)
3.4
Pin Description SOIC/VSOP , WSON/USON & PDIP 300-mil
PIN NO.
PIN NAME
I/O
FUNCTION
1
/CS
I
Chip Select Input
2
DO (IO1)
I/O
Data Output (Data Input Output 1)*1
3
/WP (IO2)
I/O
Write Protect Input ( Data Input Output 2)*2
4
GND
Ground
5
DI (IO0)
I/O
Data Input (Data Input Output 0)*1
6
CLK
I
Serial Clock Input
7
/HOLD (IO3)
I/O
Hold Input (Data Input Output 3)*2
8
VCC
Power Supply
*1 IO0 and IO1 are used for Standard and Dual SPI instructions
*2 IO0
– IO3 are used for Quad SPI instructions
1
2
3
4
8
7
6
5
/CS
DO (IO
1)
/WP (IO
2)
GND
VCC
/HOLD (IO
3)
DI (IO
0)
CLK
Top View


Similar Part No. - W25Q80DVSNIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q80 WINBOND-W25Q80 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 74P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLDAIG WINBOND-W25Q80BLDAIG Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLDAIP WINBOND-W25Q80BLDAIP Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q80DVSNIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q80BV WINBOND-W25Q80BV Datasheet
1Mb / 75P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BVDAIG-TR WINBOND-W25Q80BVDAIG-TR Datasheet
1Mb / 74P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW_13 Datasheet
1Mb / 74P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL_13 Datasheet
2Mb / 74P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BWSSIG-TR WINBOND-W25Q80BWSSIG-TR Datasheet
1Mb / 75P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW Datasheet
2Mb / 71P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV_13 Datasheet
1Mb / 75P
   8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com