Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16DWSSIP Datasheet(PDF) 7 Page - Winbond

Part # W25Q16DWSSIP
Description  1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DWSSIP Datasheet(HTML) 7 Page - Winbond

Back Button W25Q16DWSSIP Datasheet HTML 3Page - Winbond W25Q16DWSSIP Datasheet HTML 4Page - Winbond W25Q16DWSSIP Datasheet HTML 5Page - Winbond W25Q16DWSSIP Datasheet HTML 6Page - Winbond W25Q16DWSSIP Datasheet HTML 7Page - Winbond W25Q16DWSSIP Datasheet HTML 8Page - Winbond W25Q16DWSSIP Datasheet HTML 9Page - Winbond W25Q16DWSSIP Datasheet HTML 10Page - Winbond W25Q16DWSSIP Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
W25Q16DW
Publication Release Date: September 1, 2014
- 7 -
Revision J
3.4
Ball Configuration WLCSP
D1
GND
D2
DI(IO0)
A1
/CS
A2
VCC
B1
DO(IO1)
B2
/HOLD(IO3)
C1
/WP(IO2)
C2
CLK
Top View
D1
GND
D2
DI(IO0)
A1
/CS
A2
VCC
B1
DO(IO1)
B2
/HOLD(IO3)
C1
/WP(IO2)
C2
CLK
Bottom View
Figure 1c. W25Q16DW Ball Assignments, 8-ball WLCSP (Package Code BY)
3.5
Ball Description WLCSP
BALL NO.
PIN NAME
I/O
FUNCTION
A1
VCC
Power Supply
A2
/CS
I
Chip Select Input
B1
/HOLD (IO3)
I/O
Hold Input (Data Input Output 3)*2
B2
DO (IO1)
I/O
Data Output (Data Input Output 1)*1
C1
CLK
I
Serial Clock Input
C2
/WP (IO2)
I/O
Write Protect Input (Data Input Output 2)*2
D1
DI (IO0)
I/O
Data Input (Data Input Output 0)*1
D2
GND
Ground
*1 IO0 and IO1 are used for Standard and Dual SPI instructions
*2 IO0
– IO3 are used for Quad SPI instructions


Similar Part No. - W25Q16DWSSIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DWSSIP WINBOND-W25Q16DWSSIP Datasheet
1Mb / 83P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DWSSIP WINBOND-W25Q16DWSSIP Datasheet
1Mb / 85P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q16DWSSIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW_12 Datasheet
1Mb / 85P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW Datasheet
1Mb / 83P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q40EW WINBOND-W25Q40EW Datasheet
1Mb / 80P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
W25Q32DWSSIG-TR WINBOND-W25Q32DWSSIG-TR Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com