Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P16VSFIG-TR Datasheet(PDF) 11 Page - Winbond

Part # W25P16VSFIG-TR
Description  8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P16VSFIG-TR Datasheet(HTML) 11 Page - Winbond

Back Button W25P16VSFIG-TR Datasheet HTML 7Page - Winbond W25P16VSFIG-TR Datasheet HTML 8Page - Winbond W25P16VSFIG-TR Datasheet HTML 9Page - Winbond W25P16VSFIG-TR Datasheet HTML 10Page - Winbond W25P16VSFIG-TR Datasheet HTML 11Page - Winbond W25P16VSFIG-TR Datasheet HTML 12Page - Winbond W25P16VSFIG-TR Datasheet HTML 13Page - Winbond W25P16VSFIG-TR Datasheet HTML 14Page - Winbond W25P16VSFIG-TR Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
W25P80 / W25P16 / W25P32
Publication Release Date: December 11, 2005
- 11 -
Revision J
9.1.3
Block Protect Bits (BP2, BP1, BP0)
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4, S3,
S2) that provide Write Protection control and status. Block Protect bits can be set using the Write
Status Register Instruction (see tW in AC characteristics). All, none or a portion of the memory array
can be protected from Program and Erase instructions (see Status Register Memory Protection table).
The factory default setting for the Block Protection Bits is 0, none of the array protected. The Block
Protect bits can not be written to if the Status Register Protect (SRP) bit is set to 1 and the Write
Protect (/WP) pin is low.
9.1.4
Reserved Bits
Status register bit locations 5 and 6 are reserved for future use. Current devices will read 0 for these
bit locations. It is recommended to mask out the reserved bit when testing the Status Register. Doing
this will ensure compatibility with future devices.
9.1.5
Status Register Protect (SRP)
The Status Register Protect (SRP) bit is a non-volatile
read/write bit in the status register (S7) that can be used in conjunction with the Write Protect (/WP)
pin to disable writes to the status register. When the SRP bit is set to a 0 state (factory default) the
/WP pin has no control over the status register. When the SRP pin is set to a 1, the Write Status
Register instruction is locked out while the /WP pin is low. When the /WP pin is high the Write Status
Register instruction is allowed.
Figure 3. Status Register Bit Locations


Similar Part No. - W25P16VSFIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P16VSFIG WINBOND-W25P16VSFIG Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
More results

Similar Description - W25P16VSFIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P80 WINBOND-W25P80 Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25Q80 WINBOND-W25Q80 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Winbond
W25X16 WINBOND-W25X16_08 Datasheet
1Mb / 50P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
Samsung semiconductor
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com