Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW20IH125DF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGW20IH125DF
Description  1250 V, 20 A IH series trench gate field-stop IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20IH125DF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGW20IH125DF Datasheet HTML 6Page - STMicroelectronics STGW20IH125DF Datasheet HTML 7Page - STMicroelectronics STGW20IH125DF Datasheet HTML 8Page - STMicroelectronics STGW20IH125DF Datasheet HTML 9Page - STMicroelectronics STGW20IH125DF Datasheet HTML 10Page - STMicroelectronics STGW20IH125DF Datasheet HTML 11Page - STMicroelectronics STGW20IH125DF Datasheet HTML 12Page - STMicroelectronics STGW20IH125DF Datasheet HTML 13Page - STMicroelectronics STGW20IH125DF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics
STGW20IH125DF, STGWT20IH125DF
10/17
DocID025269 Rev 2
Figure 21. Thermal impedance for IGBT
Figure 22. Thermal impedance for diode
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/t
tp
t
Single pulse
δ=0.5
ZthTO2T_B


Similar Part No. - STGW20IH125DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGW20H65FB STMICROELECTRONICS-STGW20H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
August 2014 Rev 1
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
logo
New Jersey Semi-Conduct...
STGW20NB60H NJSEMI-STGW20NB60H Datasheet
114Kb / 3P
   N-CHANNEL20A-600V TO-247 PowerMESH??IGBT
logo
STMicroelectronics
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
More results

Similar Description - STGW20IH125DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW28IH125DF STMICROELECTRONICS-STGW28IH125DF Datasheet
1Mb / 17P
   1250 V, 30 A IH series trench gate field-stop IGBT
February 2014 Rev 2
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGW60H65F STMICROELECTRONICS-STGW60H65F_V01 Datasheet
1Mb / 14P
   60 A, 650 V field stop trench gate IGBT
January 2013
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
   60 A, 650 V field stop trench gate IGBT
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
   Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
DS11374 - Rev 3 - October 2018
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
August 2014 Rev 1
STGF20M65DF2 STMICROELECTRONICS-STGF20M65DF2 Datasheet
531Kb / 16P
   Trench gate field-stop, M series, 650 V, 20 A, low-loss IGBT
DS11363 - Rev 4 - October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com