Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW20H65FB Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGW20H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20H65FB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGW20H65FB Datasheet HTML 4Page - STMicroelectronics STGW20H65FB Datasheet HTML 5Page - STMicroelectronics STGW20H65FB Datasheet HTML 6Page - STMicroelectronics STGW20H65FB Datasheet HTML 7Page - STMicroelectronics STGW20H65FB Datasheet HTML 8Page - STMicroelectronics STGW20H65FB Datasheet HTML 9Page - STMicroelectronics STGW20H65FB Datasheet HTML 10Page - STMicroelectronics STGW20H65FB Datasheet HTML 11Page - STMicroelectronics STGW20H65FB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
STGFW20H65FB, STGW20H65FB, STGWT20H65FB
8/20
DocID026826 Rev 1
Figure 14. Normalized VGE(th) vs. junction
temperature
Figure 15. Normalized V(BR)CES vs. junction
temperature
VGE(th)
(norm)
0.8
0.7
0.6
-50
TJ(°C)
0
50
100
150
0.9
1.0
VCE= VGE
IC= 1mA
AM16060v1
V(BR)CES
(norm)
1.1
1.0
0.9
-50
TJ(°C)
0
50
100
150
IC= 1mA
AM16059v1
Figure 16. Switching losses vs temperature
Figure 17. Switching losses vs gate resistance
E (μJ)
250
150
50
20
TJ(°C)
40
60
80
100
350
VCC= 400V, VGE= 15V
Rg= 10Ω, IC= 20A
120
EON
EOFF
140 160
GIPG260820141404FSR
E (μJ)
250
50
3
RG(Ω)
10
17
24
350
VCC= 400V, VGE= 15V
IC= 20A, TJ= 175 °C
31
EON
EOFF
38
45
150
450
550
GIPG260820141408FSR
Figure 18. Switching losses vs collector current Figure 19. Switching losses vs collector emitter
voltage
E (μJ)
400
200
0
0
IC(A)
10
20
30
40
600
VCC= 400V, VGE= 15V
Rg= 10Ω, TJ= 175°C)
EON
EOFF
GIPG260820141358FSR
E (μJ)
200
100
0
150
VCE(V)
250
350
450
300
TJ= 175°C, VGE= 15V
Rg= 10Ω, IC= 20A
EON
EOFF
400
GIPG260820141413FSR


Similar Part No. - STGW20H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
More results

Similar Description - STGW20H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
July 2015 Rev 5
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
   Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
June 2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGFW40H65FB STMICROELECTRONICS-STGFW40H65FB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
March 2017 Rev 7
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com