Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGP40V60F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP40V60F
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP40V60F Datasheet(HTML) 5 Page - STMicroelectronics

  STGP40V60F Datasheet HTML 1Page - STMicroelectronics STGP40V60F Datasheet HTML 2Page - STMicroelectronics STGP40V60F Datasheet HTML 3Page - STMicroelectronics STGP40V60F Datasheet HTML 4Page - STMicroelectronics STGP40V60F Datasheet HTML 5Page - STMicroelectronics STGP40V60F Datasheet HTML 6Page - STMicroelectronics STGP40V60F Datasheet HTML 7Page - STMicroelectronics STGP40V60F Datasheet HTML 8Page - STMicroelectronics STGP40V60F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DocID024700 Rev 2
5/24
STGB40V60F, STGFW40V60F, STGP40V60F, STGW40V60F
Electrical characteristics
Table 6. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
(1)
Turn-on delay time
VCE = 400 V, IC = 40 A,
RG = 10 Ω, VGE = 15 V,
see Figure 27
-52-
ns
tr
(1)
Current rise time
-
17
-
ns
(di/dt)on
(1)
Turn-on current slope
-
1850
-
A/µs
td(off)
Turn-off delay time
-
208
-
ns
tf
Current fall time
-
20
-
ns
Eon
(1)
1.
Energy losses include reverse recovery of the external diode. The diode is the same of the co-packed
STGW40V60DF.
Turn-on switching losses
-
456
-
µJ
Eoff
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
411
-
µJ
Ets
Total switching losses
-
867
-
µJ
td(on)
(1)
Turn-on delay time
VCE = 400 V, IC = 40 A,
RG = 10 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 27
-52-
ns
tr
(1)
Current rise time
-
21
-
ns
(di/dt)on
(1)
Turn-on current slope
-
1538
-
A/µs
td(off)
Turn-off delay time
-
220
-
ns
tf
Current fall time
-
21
-
ns
Eon
(1)
Turn-on switching losses
-
1330
-
µJ
Eoff
(2)
Turn-off switching losses
-
560
-
µJ
Ets
Total switching losses
-
1890
-
µJ


Similar Part No. - STGP40V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP100N30 STMICROELECTRONICS-STGP100N30 Datasheet
699Kb / 13P
   90 A - 330 V - fast IGBT
February 2009 Rev 1
STGP10H60DF STMICROELECTRONICS-STGP10H60DF Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, H series 600 V, 10 A high speed
October 2013 Rev 2
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGP10M65DF2 STMICROELECTRONICS-STGP10M65DF2 Datasheet
945Kb / 18P
   Trench gate field-stop IGBT, M series 650 V, 10 A low loss
More results

Similar Description - STGP40V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 8
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
September 2016
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
May 2014 Rev 1
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com