Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGD6NC60H-1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGD6NC60H-1
Description  N-channel 600 V, 7 A - IPAK Very fast PowerMESH??IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD6NC60H-1 Datasheet(HTML) 5 Page - STMicroelectronics

  STGD6NC60H-1 Datasheet HTML 1Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 2Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 3Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 4Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 5Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 6Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 7Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 8Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID025306 Rev 1
5/13
STGD6NC60H-1
Electrical characteristics
13
Table 6. Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCC = 390V, IC = 3A
RG= 10Ω, VGE= 15V,
(see Figure 18)
-12
-
ns
tr
Current rise time
-
5
-
ns
(di/dt)on
Turn-on current slope
-
612
-
A/µs
td(on)
Turn-on delay time
VCC = 390V, IC = 3A
RG= 10Ω, VGE= 15V,
Tj=125°C
(see Figure 18)
-13
-
ns
tr
Current rise time
-
4.3
-
ns
(di/dt)on Turn-on current slope
-
560
-
Aµs
tr(Voff)
Off voltage rise time
VCC = 390V, IC = 3A,
RGE = 10Ω, VGE = 15V
(see Figure 18)
-40
-
ns
td(off)
Turn-off delay time
-
76
-
ns
tf
Current fall time
-
100
-
ns
tr(Voff)
Off voltage rise time
VCC = 390V, IC = 3A,
RGE = 10Ω, VGE = 15V,
Tj=125°C
(see Figure 18)
-60
-
ns
td(off)
Turn-off delay time
-
98
-
ns
tf
Current fall time
-
124
-
ns
Table 7. Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in Figure 18. If the IGBT is offered
in a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
Turn-on switching losses
VCC = 390V, IC = 3A
RG=10Ω, VGE=15V
(see Figure 18)
-20
-
µJ
Eoff
(2)
2.
Turn-off losses include also the tail of the collector current
Turn-off switching losses
-
68
-
µJ
Ets
Total switching losses
-
88
-
µJ
Eon
(1)
Turn-on switching losses
VCC = 390V, IC = 3A
RG=10Ω, VGE=15V, Tj=
125°C
(see Figure 18)
-37
-
µJ
Eoff
(2)
Turn-off switching losses
-
93
-
µJ
Ets
Total switching losses
-
130
-
µJ


Similar Part No. - STGD6NC60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD6NC60H STMICROELECTRONICS-STGD6NC60H Datasheet
454Kb / 14P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
467Kb / 15P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
STGD6NC60HDT4 STMICROELECTRONICS-STGD6NC60HDT4 Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGD6NC60HDT4 STMICROELECTRONICS-STGD6NC60HDT4 Datasheet
467Kb / 15P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
More results

Similar Description - STGD6NC60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NC60H STMICROELECTRONICS-STGP7NC60H_V01 Datasheet
794Kb / 14P
   N-channel PowerMESH™ 600 V, 14 A very fast IGBT
Rev 3 July 2016
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com