Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGB20V60DF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGB20V60DF
Description  Low thermal resistance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB20V60DF Datasheet(HTML) 4 Page - STMicroelectronics

  STGB20V60DF Datasheet HTML 1Page - STMicroelectronics STGB20V60DF Datasheet HTML 2Page - STMicroelectronics STGB20V60DF Datasheet HTML 3Page - STMicroelectronics STGB20V60DF Datasheet HTML 4Page - STMicroelectronics STGB20V60DF Datasheet HTML 5Page - STMicroelectronics STGB20V60DF Datasheet HTML 6Page - STMicroelectronics STGB20V60DF Datasheet HTML 7Page - STMicroelectronics STGB20V60DF Datasheet HTML 8Page - STMicroelectronics STGB20V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical characteristics
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
4/23
DocID024360 Rev 3
2
Electrical characteristics
T
J
= 25 °C unless otherwise specified.
Table 4. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)CES
Collector-emitter
breakdown voltage
(V
GE
= 0)
I
C
= 2 mA
600
V
V
CE(sat)
Collector-emitter saturation
voltage
V
GE
= 15 V, I
C
= 20 A
1.8
2.2
V
V
GE
= 15 V, I
C
= 20 A
T
J
= 125 °C
2.15
V
GE
= 15 V, I
C
= 20 A
T
J
= 175 °C
2.3
V
F
Forward on-voltage
I
F
= 20 A
1.7
2.2
V
I
F
= 20 A T
J
= 125 °C
1.55
V
I
F
= 20 A T
J
= 175 °C
1.3
V
V
GE(th)
Gate threshold voltage
V
CE
= V
GE
, I
C
= 1 mA
5
6
7
V
I
CES
Collector cut-off current
(V
GE
= 0)
V
CE
= 600 V
25
μA
I
GES
Gate-emitter leakage
current (V
CE
= 0)
V
GE
= ± 20 V
250
nA
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
ies
Input capacitance
V
CE
= 25 V, f = 1 MHz,
V
GE
= 0
-2800
-
pF
C
oes
Output capacitance
-
110
-
pF
C
res
Reverse transfer
capacitance
-64
-
pF
Q
g
Total gate charge
V
CC
= 480 V, I
C
= 20 A,
V
GE
= 15 V, see
Figure 29
-116
-
nC
Q
ge
Gate-emitter charge
-
24
-
nC
Q
gc
Gate-collector charge
-
50
-
nC


Similar Part No. - STGB20V60DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STGB20V60DF ETC2-STGB20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
More results

Similar Description - STGB20V60DF

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com