Electronic Components Datasheet Search |
|
SR0805MK-7W10RL Datasheet(PDF) 3 Page - YAGEO Corporation |
|
SR0805MK-7W10RL Datasheet(HTML) 3 Page - YAGEO Corporation |
3 / 8 page Chip Resistor Surface Mount www.yageo.com Nov. 11, 2016 V.5 Product specification 3 8 SERIES SR 0402/0603/0805/1206/1210/1218/2010/2512 MARKING SR0402 No Marking SR1218 E-24 series: 3 digits First two digits for significant figure and 3rd digit for number of zeros SR0603 / SR0805 / SR1206 / SR1210 / SR2010 / SR2512 E-24 series: 3 digits First two digits for significant figure and 3rd digit for number of zeros NOTE For further marking information, please refer to data sheet “Chip resistors marking”. Fig. 3 Value=10 KΩ 03 Fig. 2 Value=10 KΩ CONSTRUCTION The resistor is constructed on top of a high-grade ceramic body. Internal metal electrodes are added at each end and connected by a resistive glaze. The resistive glaze is covered by a lead-free glass. The composition of the glaze is adjusted to give the approximately required resistance value. The whole element is covered by a protective overcoat. The top of overcoat is marked with the resistance value. Finally, the two external terminations (Ni/matte tin) are added, as shown in Fig.4. Fig. 4 Chip resistor outlines O OU UT TL LIIN NE ES S Fig. 1 DIMENSIONS TYPE L (mm) W (mm) H (mm) I1 (mm) I2 (mm) SR0402 1.00±0.05 0.50±0.05 0.35±0.05 0.20±0.10 0.25±0.10 SR0603 1.60±0.10 0.80±0.10 0.45±0.10 0.25±0.15 0.25±0.15 SR0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20 SR1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20 SR1210 3.10±0.10 2.60±0.15 0.50±0.10 0.45±0.15 0.50±0.20 SR1218 3.10 ±0.10 4.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20 SR2010 5.00 ±0.10 2.50 ±0.15 0.55 ±0.10 0.55 ±0.15 0.50 ±0.20 SR2512 6.35 ±0.10 3.10 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20 Table 1 |
Similar Part No. - SR0805MK-7W10RL |
|
Similar Description - SR0805MK-7W10RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |