Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLA1S109F-1-43LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # KLA1S109F-1-43LF
Description  1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

KLA1S109F-1-43LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  KLA1S109F-1-43LF Datasheet HTML 1Page - Bothhand USA, LP. KLA1S109F-1-43LF Datasheet HTML 2Page - Bothhand USA, LP. KLA1S109F-1-43LF Datasheet HTML 3Page - Bothhand USA, LP. KLA1S109F-1-43LF Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
“LAN-MATE” SERIES
BOTHHAND
USA
1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
Page 1 of 4
1000 BASE-T MAGNETICS
Bothhand USA
RJ-45 needs to be matched FCC standard.
Complies with requirement of IEEE 802.3ab standards.
RJ-45 connector integrated with transformer/impedance
resistor/high voltage capacitor.
Size same as RJ-45 connector to save PCB board space.
Reduced EMI radiation to improve EMI performance.
Design for 1000 BASE transmission over UTP-5 cable.
Isolation @ 60Hz: Input to output:1500Vrms.
Compliance with ROHS requirements.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +85℃.
S
T
Electrical Specifications @ 25℃
Turns Ratio
(±5%)
Cross talk
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias 0.3-30MHz 30-60MHz 60-100MHz
HI-POT
(Vrms)
KLA1S109-34 LF
1CT: 1CT
1CT: 1CT
350
-40
-35
-30
1500
KLA1S109F-1-43 LF 1CT: 1CT 1CT: 1CT
350
-40
-35
-30
1500
KLA1S109M-43 LF
1CT: 1CT
1CT: 1CT
350
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min) @ Load 100Ω
CMR
(dB Min)
Part
Number
1-100MHz
1-30MHz 30-40MHz 40-50MHz 50-80MHz 100MHz 1-30MHz
30-60MHz 60-125MHz
KLA1S109-34 LF
-1.0
-16
-13.5
-11.5
-10
--
-30
-25
-20
KLA1S109F-1-43 LF
-1.0
-16
-13.5
-11.5
-10
--
-30
-25
-20
KLA1S109M-43 LF
-1.0
-16
-13.5
-11.5
-10
--
-30
-25
-20
For customized parts or more detailed information, please log on www.bothhandusa.com or write to sales@bothhandusa.com
NOTE:
1. Differential to Common Mode Rejection (dB Min)
1-30MHz
30-60MHz
60-100MHz
-43
-37
-33
139
Tel: 978-887-8050 Fax: 978-887-5434
E-mail : sales@bothhandusa.com http://www.bothhandusa.com


Similar Part No. - KLA1S109F-1-43LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KLA1S109-34-LF BOTHHAND-KLA1S109-34-LF Datasheet
362Kb / 2P
   Complies with requirement of IEEE 802.3ab standards
KLA1S109-34LF BOTHHAND-KLA1S109-34LF Datasheet
362Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1S109-43-LF BOTHHAND-KLA1S109-43-LF Datasheet
209Kb / 2P
   Complies with requirement of IEEE 802.3ab standards
KLA1S109-43LF BOTHHAND-KLA1S109-43LF Datasheet
209Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1S109LF BOTHHAND-KLA1S109LF Datasheet
759Kb / 3P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
More results

Similar Description - KLA1S109F-1-43LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KLA1S109-43LF BOTHHAND-KLA1S109-43LF Datasheet
209Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1T109-43LF BOTHHAND-KLA1T109-43LF Datasheet
228Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1S109LF BOTHHAND-KLA1S109LF Datasheet
759Kb / 3P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1S109-34LF BOTHHAND-KLA1S109-34LF Datasheet
362Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA4T109LF BOTHHAND-KLA4T109LF Datasheet
371Kb / 2P
   1000 BASE-T RJ45 1 x 4 INTEGRATED MAGNETICS CONNECTOR
KLU1S041-34LF BOTHHAND-KLU1S041-34LF Datasheet
911Kb / 4P
   10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLU1T041C-43LF BOTHHAND-KLU1T041C-43LF Datasheet
227Kb / 2P
   10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLU1T516-34LF BOTHHAND-KLU1T516-34LF Datasheet
225Kb / 2P
   10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLU1T041X-43LF BOTHHAND-KLU1T041X-43LF Datasheet
217Kb / 2P
   10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLU1T516-43LF BOTHHAND-KLU1T516-43LF Datasheet
229Kb / 2P
   10/100 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com