Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1D201A1 Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # DU1D201A1
Description  10/100Base-T RJ45 2x1 Integrated Magnetics Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

DU1D201A1 Datasheet(HTML) 4 Page - Bothhand USA, LP.

  DU1D201A1 Datasheet HTML 1Page - Bothhand USA, LP. DU1D201A1 Datasheet HTML 2Page - Bothhand USA, LP. DU1D201A1 Datasheet HTML 3Page - Bothhand USA, LP. DU1D201A1 Datasheet HTML 4Page - Bothhand USA, LP. DU1D201A1 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
“LAN-MATE” SERIES Description:
10/100Base-T RJ45 2x1 Integrated Magnetics Connector
BOTHHAND
USA
10/100Base-T MAGNETICS
Page 4 of 5
Bothhand USA
Tel: 978-887-8050 Fax: 978-887-5434
E-mail : sales@bothhandusa.com http:// www.bothhandusa.com
DU1T301B3
DU1T40103
DU1S201C4
161


Similar Part No. - DU1D201A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU10E ETC2-DU10E Datasheet
83Kb / 3P
   Proximity Sensors Inductive ABS Housing
logo
Tyco Electronics
DU1215S MACOM-DU1215S Datasheet
202Kb / 3P
   RF MOSFET Power Transistor, ISW, 12V 2 - 175 MHz
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor 15W, 2-175MHz, 12V
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor
logo
Tyco Electronics
DU1230S MACOM-DU1230S Datasheet
195Kb / 3P
   RF MOSFET Power Transistor, 30W, 12V, 2 - 175 MHz
More results

Similar Description - DU1D201A1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
DU6T201A1 BOTHHAND-DU6T201A1 Datasheet
381Kb / 4P
   10/100Base-T RJ45 2x6 Integrated Magnetics Connector
DA1D102K4 BOTHHAND-DA1D102K4 Datasheet
431Kb / 4P
   10/100/1000 Base-T RJ45 2x1 Integrated Magnetics Connector
logo
XFMRS Inc.
XFATM3B XFMRS-XFATM3B_15 Datasheet
50Kb / 1P
   10/100BASE-T MAGNETICS MODULE
XFATM6PM XFMRS-XFATM6PM Datasheet
43Kb / 1P
   10/100BASE-T MAGNETICS MODULES
XF35066B1 XFMRS-XF35066B1 Datasheet
53Kb / 1P
   10/100BASE-T MAGNETICS MODULES
logo
LinkCom Manufacturing C...
LAN1851-50 LINKCOM-LAN1851-50 Datasheet
76Kb / 1P
   10/100BASE-T Magnetics Module
logo
Bel Fuse Inc.
S558-5999-W2-F BEL-S558-5999-W2-F Datasheet
102Kb / 2P
   10/100BASE-T LAN MAGNETICS
S558-5999-T7-F BEL-S558-5999-T7-F Datasheet
98Kb / 2P
   10/100BASE-T LAN MAGNETICS
S558-5999-U1 BEL-S558-5999-U1 Datasheet
32Kb / 2P
   10/100BASE-T LAN MAGNETICS
S558-5999-30 BEL-S558-5999-30_1 Datasheet
91Kb / 4P
   10/100BASE-T LAN MAGNETICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com