Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR0805JK-071R5L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # SR0805JK-071R5L
Description  ARRAY CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR0805JK-071R5L Datasheet(HTML) 5 Page - YAGEO Corporation

  SR0805JK-071R5L Datasheet HTML 1Page - YAGEO Corporation SR0805JK-071R5L Datasheet HTML 2Page - YAGEO Corporation SR0805JK-071R5L Datasheet HTML 3Page - YAGEO Corporation SR0805JK-071R5L Datasheet HTML 4Page - YAGEO Corporation SR0805JK-071R5L Datasheet HTML 5Page - YAGEO Corporation SR0805JK-071R5L Datasheet HTML 6Page - YAGEO Corporation SR0805JK-071R5L Datasheet HTML 7Page - YAGEO Corporation SR0805JK-071R5L Datasheet HTML 8Page - YAGEO Corporation SR0805JK-071R5L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SERIES
YC/TC
102 to 358
Chip Resistor Surface Mount
www.yageo.com
Feb. 16, 2017 V.5
Product specification
5
12
CONSTRUCTION
The resistor is constructed on top
of a high-grade ceramic body.
Internal metal electrodes are added
on each end to make the contacts to
the thick film resistive element. The
composition of the resistive element
is a noble metal imbedded into a
glass and covered by a second glass
to prevent environment influences.
The resistor is laser trimmed to the
rated resistance value. The resistor
is covered with a protective epoxy
coat, finally the two external
terminations (matte tin on Ni-
barrier) are added as shown in Fig.9.
O
OU
UT
TL
LIIN
NE
ES
S
Fig. 10 Chip resistor outlines
TC164
1-Digit marking
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
For further marking information, please refer to data sheet “Chip resistors marking”.
Fig. 9 Jumper=0Ω
0
Fig. 9-1 Value=240KΩ
2


Similar Part No. - SR0805JK-071R5L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805JK-071R5L YAGEO-SR0805JK-071R5L Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR0805JK-071R5L

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com