Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6984 Datasheet(PDF) 5 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 5 Page - STMicroelectronics

  A6984 Datasheet HTML 1Page - STMicroelectronics A6984 Datasheet HTML 2Page - STMicroelectronics A6984 Datasheet HTML 3Page - STMicroelectronics A6984 Datasheet HTML 4Page - STMicroelectronics A6984 Datasheet HTML 5Page - STMicroelectronics A6984 Datasheet HTML 6Page - STMicroelectronics A6984 Datasheet HTML 7Page - STMicroelectronics A6984 Datasheet HTML 8Page - STMicroelectronics A6984 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
DocID030396 Rev 1
5/47
A6984
Pin settings
47
1.3
Maximum ratings
Stressing the device above the rating listed in Table 2: Absolute maximum ratings may
cause permanent damage to the device.
These are stress ratings only and operation of the device at these or any other conditions
above those indicated in Table 5 of this specification is not implied.
Exposure to absolute maximum rating conditions may affect device reliability.
Table 2. Absolute maximum ratings
1.4
Thermal data
Table 3. Thermal data
Symbol
Description
Min.
Max.
Unit
VIN
-
-0.3
38
V
LX
device ON
VIN + 0.3
device OFF
25
EN
see Table 1
VIN + 0.3
TON
VCC
6
VBIAS
PGOOD
VCC + 0.3
FB
LNM
TJ
Operating temperature range
-40
150
°C
TSTG
Storage temperature range
-
-55 to 150
TLEAD
Lead temperature (soldering 10 sec.)
-
260
IHS, ILS
High-side / low-side RMS switch current
-
400
mA
Symbol
Parameter
Value
Unit
Rth JA
Thermal resistance junction ambient
(device soldered on STMicroelectronics evaluation board)
50
C/W


Similar Part No. - A6984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
A6985F3V3 STMICROELECTRONICS-A6985F3V3 Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
A6985F3V3TR STMICROELECTRONICS-A6985F3V3TR Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
A6985F5V STMICROELECTRONICS-A6985F5V Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
A6985F5VTR STMICROELECTRONICS-A6985F5VTR Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
More results

Similar Description - A6984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6984 STMICROELECTRONICS-L6984 Datasheet
4Mb / 34P
   36 V 400 mA synchronous step-down switching regulator
July 2014 Rev 3
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
logo
Texas Instruments
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
[Old version datasheet]   4-V to 36-V, 600-mA Synchronous Step-Down Converter
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
[Old version datasheet]   4-V to 36-V, 600-mA Synchronous Step-Down Converter
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com