Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB5D2HDW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TB5D2HDW
Description  QUAD DIFFERENTIAL PECL DRIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TB5D2HDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TB5D2HDW Datasheet HTML 4Page - Texas Instruments TB5D2HDW Datasheet HTML 5Page - Texas Instruments TB5D2HDW Datasheet HTML 6Page - Texas Instruments TB5D2HDW Datasheet HTML 7Page - Texas Instruments TB5D2HDW Datasheet HTML 8Page - Texas Instruments TB5D2HDW Datasheet HTML 9Page - Texas Instruments TB5D2HDW Datasheet HTML 10Page - Texas Instruments TB5D2HDW Datasheet HTML 11Page - Texas Instruments TB5D2HDW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
Note: Surges may be applied simultaneously, but never in opposite polarities.
Surge test pulses have tr = tf = 2 µs, pulse width = 7 µs (50% points), and
period = 250 ms.
110
110
Lightning Surge
Test Generators
_
+
_
+
VCC
DUT
TYPICAL CHARACTERISTICS
-3
-2.5
-2
-1.5
-1
-0.5
0
-50
0
50
100
150
TA - Free-Air Temperature - °C
VOH Max
VOH Min
VOL Max
VOL Min
VCC = 4.5 V to 5.5 V,
Figure 3 Load
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
-50
-40
-30
-20
-10
0
VOH
VOL
IO - Output Current - mA
TA = 255C
TB5D1M, TB5D2H
SLLS579C – SEPTEMBER 2003 – REVISED JANUARY 2008
Figure 6. Lightning-Surge Testing Configuration for TB5D1M
OUTPUT VOLTAGE RELATIVE TO VCC
OUTPUT VOLTAGE RELATIVE TO VCC
vs
vs
OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TB5D1M TB5D2H


Similar Part No. - TB5D2HDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D2HDW TI-TB5D2HDW Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D2HDW TI1-TB5D2HDW Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D2HDWR TI-TB5D2HDWR Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D2HDWR TI1-TB5D2HDWR Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
More results

Similar Description - TB5D2HDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com