Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB5D1M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TB5D1M
Description  QUAD DIFFERENTIAL PECL DRIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TB5D1M Datasheet(HTML) 1 Page - Texas Instruments

  TB5D1M Datasheet HTML 1Page - Texas Instruments TB5D1M Datasheet HTML 2Page - Texas Instruments TB5D1M Datasheet HTML 3Page - Texas Instruments TB5D1M Datasheet HTML 4Page - Texas Instruments TB5D1M Datasheet HTML 5Page - Texas Instruments TB5D1M Datasheet HTML 6Page - Texas Instruments TB5D1M Datasheet HTML 7Page - Texas Instruments TB5D1M Datasheet HTML 8Page - Texas Instruments TB5D1M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
AI
BI
GND
E1
VCC
DI
E2
CI
AO
BO
CO
DO
9
10
16
15
14
13
12
11
1
2
3
4
5
6
7
8
DW AND D PACKAGE
(TOP VIEW)
CO
DO
BO
AO
AI
BI
CI
DI
E1
E2
AO
AO
BO
BO
CO
CO
DO
DO
FUNCTIONAL DIAGRAM
E1
E2 Condition
0
0
Active
1
0
Active
0
1
Disabled
1
1
Active
ENABLE TRUTH TABLE
TB5D1M, TB5D2H
SLLS579C – SEPTEMBER 2003 – REVISED JANUARY 2008
www.ti.com
QUAD DIFFERENTIAL PECL DRIVERS
The
TB5D1M
device
is
a
pin
and
functional
replacement for the Agere systems BDG1A and
• Functional Replacements for the Agere
BPNGA quad differential drivers. The TB5D1M has a
BDG1A, BPNGA and BDGLA
built-in lightning protection circuit to absorb large
• Pin-Equivalent to the General-Trade 26LS31
transitions
on
the
transmission
lines
without
Device
destroying the device. When the circuit is powered
down it loads the transmission line, because of the
• 2.0 ns Maximum Propagation Delays
protection circuit.
• 0.15 ns Output Skew Typical Between Pairs
The
TB5D2H
device
is
a
pin
and
functional
• Capable of Driving 50-Ω Loads
replacement for the Agere systems BDG1A and
• 5.0-V or 3.3-V Supply Operation
BDGLA quad differential drivers. Upon power down
• TB5D1M Includes Surge Protection on
the TB5D2H output circuit appears as an open circuit
Differential Outputs
and does not load the transmission line.
• TB5D2H No Line Loading When V
CC = 0
Both drivers feature a 3-state output with a third-state
level of less than 0.1 V.
• Third State Output Capability
• -40C to 85C Operating Temp Range
The packaging options available for these quad
differential
line
drivers
include
a
16-pin
SOIC
• ESD Protection HBM > 3 kV and CDM > 2 kV
gull-wing (DW) and a 16-pin SOIC (D) package.
• Available in Gull-Wing SOIC (JEDEC MS-013,
DW) and SOIC (D) Packages
Both drivers are characterized for operation from
-40C to 85C
The logic inputs of this device include internal pull-up
• Digital Data or Clock Transmission Over
resistors of approximately 40 k
Ω that are connected
Balanced Transmission Lines
to VCC to ensure a logical high level input if the inputs
are open circuited.
These quad differential drivers are TTL input to
pseudo-ECL differential output used for digital data
transmission over balanced transmission lines.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TB5D1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D1M TI-TB5D1M Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MD TI-TB5D1MD Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MD TI1-TB5D1MD Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MDE4 TI1-TB5D1MDE4 Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
More results

Similar Description - TB5D1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com