Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD3082EDGK Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75HVD3082EDGK
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75HVD3082EDGK Datasheet(HTML) 5 Page - Texas Instruments

  SN75HVD3082EDGK Datasheet HTML 1Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 2Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 3Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 4Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 5Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 6Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 7Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 8Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
SN65HVD3082E, SN75HVD3082E, SN65HVD3085E, SN65HVD3088E
www.ti.com
SLLS562I – AUGUST 2009 – REVISED SEPTEMBER 2016
Product Folder Links: SN65HVD3082E SN75HVD3082E SN65HVD3085E SN65HVD3088E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and with a 5-V supply.
6.5 Electrical Characteristics: Driver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
|VOD|
Differential output voltage
IO = 0, No Load
3
4.3
V
RL = 54 Ω (see Figure 8)
1.5
2.3
RL = 100 Ω
2
VTEST = –7 V to 12 V (see Figure 9)
1.5
Δ|VOD|
Change in magnitude of differential
output voltage
See Figure 8 and Figure 9
–0.2
0
0.2
V
VOC(SS)
Steady-state common-mode output
voltage
See Figure 10
1
2.6
3
V
ΔVOC(SS)
Change in steady-state common-mode
output voltage
–0.1
0
0.1
VOC(PP)
Peak-to-peak common-mode output
voltage
See Figure 10
500
mV
IOZ
High-impedance output current
See receiver input currents in Electrical
Characteristics: Receiver
II
Input current
D, DE
–100
100
µA
IOS
Short-circuit output current
−7 V ≤ VO ≤ 12 V (see Figure 14)
–250
250
mA
(1)
All typical values are at 25°C and with a 5-V supply.
6.6 Electrical Characteristics: Receiver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going differential input threshold
voltage
IO = –8 mA
–85
–10
mV
VIT–
Negative-going differential input threshold
voltage
IO = 8 mA
–200
–115
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
30
mV
VOH
High-level output voltage
VID = 200 mV, IOH = –8 mA (see Figure 15)
4
4.6
V
VOL
Low-level output voltage
VID = –200 mV, IO = 8 mA (see Figure 15)
0.15
0.4
V
IOZ
High-impedance-state output current
VO = 0 or VCC, RE = VCC
–1
1
μA
II
Bus input current
VIH = 12 V, VCC = 5 V
0.04
0.1
mA
VIH = 12 V, VCC = 0 V
0.06
0.125
VIH = –7 V, VCC = 5 V
–0.1
–0.04
VIH = –7 V, VCC = 0 V
–0.05
–0.03
IIH
High-level input current, (RE)
VIH = 2 V
–60
–30
μA
IIL
Low-level input current, (RE)
VIL = 0.8 V
–60
–30
μA
Cdiff
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
7
pF


Similar Part No. - SN75HVD3082EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082EDGK TI-SN75HVD3082EDGK Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082EDGK TI-SN75HVD3082EDGK Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082EDGK TI-SN75HVD3082EDGK Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDGK TI1-SN75HVD3082EDGK Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN75HVD3082EDGKG4 TI-SN75HVD3082EDGKG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN75HVD3082EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com