Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00023GKFR Datasheet(PDF) 7 Page - Texas Instruments

Part # HPA00023GKFR
Description  24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00023GKFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button HPA00023GKFR Datasheet HTML 3Page - Texas Instruments HPA00023GKFR Datasheet HTML 4Page - Texas Instruments HPA00023GKFR Datasheet HTML 5Page - Texas Instruments HPA00023GKFR Datasheet HTML 6Page - Texas Instruments HPA00023GKFR Datasheet HTML 7Page - Texas Instruments HPA00023GKFR Datasheet HTML 8Page - Texas Instruments HPA00023GKFR Datasheet HTML 9Page - Texas Instruments HPA00023GKFR Datasheet HTML 10Page - Texas Instruments HPA00023GKFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74SSTV32852GKFR
ACTIVE
BGA MI
CROSTA
R
GKF
114
1000
TBD
SNPB
Level-3-220C-168 HR
SN74SSTV32852ZKFR
ACTIVE
LFBGA
ZKF
114
1000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74SSTV32852 :
Enhanced Product: SN74SSTV32852-EP
NOTE: Qualified Version Definitions:
Enhanced Product - Supports Defense, Aerospace and Medical Applications
PACKAGE OPTION ADDENDUM
www.ti.com
8-Apr-2009
Addendum-Page 1


Similar Part No. - HPA00023GKFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00021DGGR TI-HPA00021DGGR Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
HPA00022DGGR TI1-HPA00022DGGR Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
HPA00022RGQ8 TI1-HPA00022RGQ8 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
HPA00022RGQR TI1-HPA00022RGQR Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
HPA00024GR TI1-HPA00024GR Datasheet
347Kb / 12P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
More results

Similar Description - HPA00023GKFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV32852 RENESAS-HD74SSTV32852 Datasheet
2Mb / 9P
   24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
logo
Texas Instruments
SN74SSTVF32852 TI-SN74SSTVF32852 Datasheet
285Kb / 7P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16842 RENESAS-HD74SSTV16842 Datasheet
1Mb / 7P
   11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
logo
Alliance Semiconductor ...
ASM4SSTVF32852 ALSC-ASM4SSTVF32852 Datasheet
105Kb / 13P
   DDR 24-Bit to 48-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS32852 ICST-ICS32852 Datasheet
126Kb / 7P
   DDR 24-Bit to 48-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com